Electronic Components Datasheet Search
  English  ▼

X  

TUSB1064I Datasheet(PDF) 7 Page - Texas Instruments

Part # TUSB1064I
Description  TUSB1064 USB TYPE-C™ DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1064I Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB1064I Datasheet HTML 3Page - Texas Instruments TUSB1064I Datasheet HTML 4Page - Texas Instruments TUSB1064I Datasheet HTML 5Page - Texas Instruments TUSB1064I Datasheet HTML 6Page - Texas Instruments TUSB1064I Datasheet HTML 7Page - Texas Instruments TUSB1064I Datasheet HTML 8Page - Texas Instruments TUSB1064I Datasheet HTML 9Page - Texas Instruments TUSB1064I Datasheet HTML 10Page - Texas Instruments TUSB1064I Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
7
TUSB1064
www.ti.com
SLLSF48C – MARCH 2018 – REVISED SEPTEMBER 2019
Product Folder Links: TUSB1064
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ZRX-HIGH-
IMP-DC-
POS
Common-mode input impedance with
termination disabled (DC)
Present when no USB3.1 device is
detected on TXP/TXN. Measured over
the range of 0-500 mV with respect to
GND.
25
kΩ
VSIGNAL-
DET-DIFF-
PP
Input Differential peak-to-peak Signal
Detect Assert Level
at 10Gbps, No loss and bit rate PRBS7
pattern
79
mV
VRX-IDLE-
DET-DIFF-
PP
Input Differential peak-to-peak Signal
Detect De-assert Level
at 10 Gbps, No loss and bit rate PRBS7
pattern
58
mV
VRX-LFPS-
DET-DIFF-
PP
Low-frequency Periodic Signaling (LFPS)
Detect Threshold
Below the minimum is squelched.
100
300
mV
CRX
RX input capacitance to GND
At 2.5 GHz
0.5
1
pF
RLRX-
DIFF
Differential Return Loss
50 MHz – 1.25 GHz at 90 Ω
-13
dB
RLRX-
DIFF
Differential Return Loss
5 GHz at 90 Ω
-9
dB
RLRX-CM
Common Mode Return Loss
50 MHz – 5 GHz at 90 Ω
-8
dB
EQSSP
Receiver equalization
SSEQ[1:0] and EQ[1:0] at 5 GHz.
12
dB
USB Differential Transmitter (TX1P/N, TX2P/N, SSRXP/N)
VTX-DIFF-
PP
Transmitter dynamic differential voltage
swing range.
1300
mVpp
VTX-RCV-
DETECT
Amount of voltage change allowed
during Receiver Detection
at 3.3 V
600
mV
VTX-CM-
IDLE-
DELTA
Transmitter idle common-mode voltage
change while in U2/U3 and not actively
transmitting LFPS
measured at the connector side of the
AC coupling caps with 50
Ω load
-600
600
mV
VTX-DC-
CM
Common-mode voltage bias in the
transmitter (DC)
0
2
V
VTX-CM-
AC-PP-
ACTIVE
Tx AC Common-mode voltage active
At 3.3V; Max mismatch from Txp+Txn for
both time and amplitude
100
mVpp
VTX-IDLE-
DIFF-AC-
PP
AC Electrical idle differential peak-to-
peak output voltage
At package pins
0
10
mV
VTX-IDLE-
DIFF-DC
DC Electrical idle differential output
voltage
At package pins after low-pass filter to
remove AC component
0
14
mV
VTX-CM-
DC-
ACTIVE-
IDLE-
DELTA
Absolute DC common mode voltage
between U1 and U0
At package pin
200
mV
CTX
TX input capacitance to GND
At 2.5 GHz
1.25
pF
RTX-DIFF
Differential impedance of the driver
75
120
Ω
CAC-
COUPLING
AC Coupling capacitor
75
265
nF
RTX-CM
Common-mode impedance of the driver
Measured with respect to AC ground
over 0-500 mV
18
30
Ω
ITX-SHORT TX short circuit current
TX+/- shorted to GND
67
mA
RLTX-DIFF Differential Return Loss
50 MHz – 1.25 GHz at 90 Ω
-17
dB
RLTX-
DIFF-5G
Differential Return Loss
5 GHz at 90 Ω
-12
dB
RLTX-CM
Common Mode Return Loss
50 MHz – 5 GHz at 90 Ω
-9
dB
AC Electrical Characteristics for USB and DP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com