Electronic Components Datasheet Search
  English  ▼

X  

TUSB1064I Datasheet(PDF) 32 Page - Texas Instruments

Part # TUSB1064I
Description  TUSB1064 USB TYPE-C™ DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1064I Datasheet(HTML) 32 Page - Texas Instruments

Back Button TUSB1064I Datasheet HTML 28Page - Texas Instruments TUSB1064I Datasheet HTML 29Page - Texas Instruments TUSB1064I Datasheet HTML 30Page - Texas Instruments TUSB1064I Datasheet HTML 31Page - Texas Instruments TUSB1064I Datasheet HTML 32Page - Texas Instruments TUSB1064I Datasheet HTML 33Page - Texas Instruments TUSB1064I Datasheet HTML 34Page - Texas Instruments TUSB1064I Datasheet HTML 35Page - Texas Instruments TUSB1064I Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
Copyright © 2017, Texas Instruments Incorporated
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A12
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B1
GND
GND
GND
GND
TXP2
TXN2
VBUS
VBUS
VBUS
VBUS
RXP2
RXN2
SBU1
DN1
DP1
CC1
TXN1
TXP1
RXP1
RXN1
SBU2
CC2
DP2
DN2
RX2p
RX2n
TX2p
TX2n
TX1n
TX1p
RX1n
RX1p
SBU1
SBU2
SSTXp
SSTXn
SSRXp
SSRXn
DP0p
DP0n
DP1p
DP1n
DP2p
DP2n
DP3p
DP3n
AUXp
AUXn
SSRXP
SSRXN
SSTXP
SSTXN
AUXP
AUXN
DP_PWR (3.3V)
1M (± 5%)
100 nF
100 nF
100nF
100nF
100nF
100nF
100nF
100nF
100nF
100nF
100nF
100nF
100nF
100nF
100nF
100nF
100nF
100nF
DP_ML0P
DP_ML0N
DP_ML1P
DP_ML1N
DP_ML2P
DP_ML2N
DP_ML3P
DP_ML3N
USB 3.1 Hub
DP1.4 RX
USB Type-C
Receptacle
FLIP/SCL
2M
2M
Type-C
PD
Controller
I2C_EN
SSEQ0/A0
SSEQ1
DPEQ0/A1
DPEQ1
EQ0
EQ1
R
3.3V
3.3V
3.3V
3.3V
3.3V
3.3V
3.3V
R
VI2C
100nF
10PF
3.3V
100nF
100nF
EN
NC
1M (± 5%)
SRC_DET
SRC_DET#
CTL1
CTL0/SDA
HPDIN
32
TUSB1064
SLLSF48C – MARCH 2018 – REVISED SEPTEMBER 2019
www.ti.com
Product Folder Links: TUSB1064
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Figure 27. Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com