Electronic Components Datasheet Search
  English  ▼

X  

TUSB1064I Datasheet(PDF) 21 Page - Texas Instruments

Part # TUSB1064I
Description  TUSB1064 USB TYPE-C™ DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1064I Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB1064I Datasheet HTML 17Page - Texas Instruments TUSB1064I Datasheet HTML 18Page - Texas Instruments TUSB1064I Datasheet HTML 19Page - Texas Instruments TUSB1064I Datasheet HTML 20Page - Texas Instruments TUSB1064I Datasheet HTML 21Page - Texas Instruments TUSB1064I Datasheet HTML 22Page - Texas Instruments TUSB1064I Datasheet HTML 23Page - Texas Instruments TUSB1064I Datasheet HTML 24Page - Texas Instruments TUSB1064I Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
21
TUSB1064
www.ti.com
SLLSF48C – MARCH 2018 – REVISED SEPTEMBER 2019
Product Folder Links: TUSB1064
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
8.4.4 Linear EQ Configuration
Each of the TUSB1064 receiver lanes has individual controls for receiver equalization. The receiver equalization
gain value can be controlled either through I2C registers or through GPIOs. details the gain value for each
available combination when TUSB1064 is in GPIO mode. These same options are also available in I2C mode by
updating registers DP0EQ_SEL, DP1EQ_SEL, DP2EQ_SEL, DP3EQ_SEL, EQ1_SEL, EQ2_SEL, and
SSEQ_SEL. Each of the 4-bit EQ configuration registers is mapped to the configuration pins as follows: x_SEL =
{x1[1:0],x0[1:0]} where xn[1:0] are the EQ configuration pins with pin levels mapped to 2-bit values as: 0 = 00, R
= 01, F = 10, 1 = 11.
Table 7. TUSB1064 Receiver Equalization GPIO Control
Equalization
Setting #
USB3.1 UPSTREAM FACING PORTS
USB 3.1 DOWNSTREAM FACING PORT
ALL DISPLAYPORT LANES
EQ1 PIN
LEVEL
EQ0 PIN LEVEL
EQ GAIN at
5 GHz (dB)
SSEQ1 PIN
LEVEL
SSEQ0 PIN
LEVEL
EQ GAIN at 5
GHz (dB)
DPEQ1 PIN
LEVEL
DPEQ0 PIN
LEVEL
EQ GAIN at
4.05 GHz (dB)
0
0
0
-1.5
0
0
-3.0
0
0
-0.3
1
0
R
0.7
0
R
-0.8
0
R
1.6
2
0
F
2.2
0
F
-0.7
0
F
3.0
3
0
1
3.7
0
1
2.2
0
1
4.4
4
R
0
4.7
R
0
3.3
R
0
5.4
5
R
R
5.8
R
R
4.3
R
R
6.5
6
R
F
6.6
R
F
5.1
R
F
7.3
7
R
1
7.4
R
1
6.0
R
1
8.1
8
F
0
8.1
F
0
6.7
F
0
8.9
9
F
R
8.7
F
R
7.3
F
R
9.5
10
F
F
9.2
F
F
7.8
F
F
10.0
11
F
1
9.7
F
1
8.3
F
1
10.6
12
1
0
10
1
0
8.6
1
0
11.0
13
1
R
10.4
1
R
9.0
1
R
11.4
14
1
F
10.7
1
F
9.3
1
F
11.8
15
1
1
11.1
1
1
9.7
1
1
12.1
8.4.5 USB3.1 Modes
The TUSB1064 monitors the physical layer conditions like receiver termination, electrical idle, LFPS, and
SuperSpeed signaling rate to determine the state of the USB3.1 interface. Depending on the state of the USB
3.1 interface, the TUSB1064 can be in one of four primary modes of operation when USB 3.1 is enabled (CTL0 =
H or CTLSEL0 = 1b1): Disconnect, U2/U3, U1, and U0.
The Disconnect mode is the state in which TUSB1064 has not detected far-end termination on upstream facing
port (UFP) or downstream facing port (DFP). The disconnect mode is the lowest power mode of each of the four
modes. The TUSB1064 remains in this mode until far-end receiver termination has been detected on both UFP
and DFP. The TUSB1064 immediately exits this mode and enter U0 once far-end termination is detected.
Once in U0 mode, the TUSB1064 will redrive all traffic received on UFP and DFP. U0 is the highest power mode
of all USB3.1 modes. The TUSB1064 remains in U0 mode until electrical idle occurs on both UFP and DFP.
Upon detecting electrical idle, the TUSB1064 immediately transitions to U1.
The U1 mode is the intermediate mode between U0 mode and U2/U3 mode. In U1 mode, the TUSB1064 UFP
and DFP receiver termination remains enabled. The UFP and DFP transmitter DC common mode is maintained.
The power consumption in U1 is similar to power consumption of U0.
Next to the disconnect mode, the U2/U3 mode is next lowest power state. While in this mode, the TUSB1064
periodically performs far-end receiver detection. Anytime the far-end receiver termination is not detected on
either UFP or DFP, the TUSB1064 leaves the U2/U3 mode and transitions to the Disconnect mode. It also
monitors for a valid LFPS. Upon detection of a valid LFPS, the TUSB1064 immediately transitions to the U0
mode. In U2/U3 mode, the TUSB1064 receiver terminations remain enabled but the TX DC common mode
voltage is not maintained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com