Electronic Components Datasheet Search
  English  ▼

X  

TUSB8041I Datasheet(PDF) 18 Page - Texas Instruments

Part # TUSB8041I
Description  TUSB8041 Four-Port USB 3.0 Hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8041I Datasheet(HTML) 18 Page - Texas Instruments

Back Button TUSB8041I Datasheet HTML 14Page - Texas Instruments TUSB8041I Datasheet HTML 15Page - Texas Instruments TUSB8041I Datasheet HTML 16Page - Texas Instruments TUSB8041I Datasheet HTML 17Page - Texas Instruments TUSB8041I Datasheet HTML 18Page - Texas Instruments TUSB8041I Datasheet HTML 19Page - Texas Instruments TUSB8041I Datasheet HTML 20Page - Texas Instruments TUSB8041I Datasheet HTML 21Page - Texas Instruments TUSB8041I Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
18
TUSB8041
SLLSEE4E – JUNE 2014 – REVISED JUNE 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
8.5.3 Vendor ID LSB Register
Table 6. Register Offset 1h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
1
0
1
0
0
0
1
Table 7. Bit Descriptions – Vendor ID LSB Register
Bit
Field Name
Access
Description
7:0
vendorIdLsb
RO/RW
Vendor ID LSB. Least significant byte of the unique vendor ID assigned
by the USB-IF; the default value of this register is 51h representing the
LSB of the TI Vendor ID 0451h. The value may be over-written to
indicate a customer Vendor ID.
This field is read/write unless the OTP ROM VID and OTP ROM PID
values are non-zero. If both values are non-zero the value when reading
this register shall reflect the OTP ROM value.
8.5.4 Vendor ID MSB Register
Table 8. Register Offset 2h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
1
0
0
Table 9. Bit Descriptions – Vendor ID MSB Register
Bit
Field Name
Access
Description
7:0
vendorIdMsb
RO/RW
Vendor ID MSB. Most significant byte of the unique vendor ID assigned
by the USB-IF; the default value of this register is 04h representing the
MSB of the TI Vendor ID 0451h. The value may be over-written to
indicate a customer Vendor ID.
This field is read/write unless the OTP ROM VID and OTP ROM PID
values are non-zero. If both values are non-zero the value when reading
this register shall reflect the OTP ROM value.
8.5.5 Product ID LSB Register
Table 10. Register Offset 3h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
1
0
0
0
0
0
0
Table 11. Bit Descriptions – Product ID LSB Register
Bit
Field Name
Access
Description
7:0
productIdLsb
RO/RW
Product ID LSB. Least significant byte of the product ID assigned by
Texas Instruments and reported in the SuperSpeed Device descriptor.
the default value of this register is 40h representing the LSB of the
SuperSpeed product ID assigned by Texas Instruments The value
reported in the USB 2.0 Device descriptor is the value of this register bit
wise XORed with 00000010b. The value may be over-written to indicate
a customer product ID.
This field is read/write unless the OTP ROM VID and OTP ROM PID
values are non-zero. If both values are non-zero the value when reading
this register will reflect the OTP ROM value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com