Electronic Components Datasheet Search
  English  ▼

X  

TUSB8041I Datasheet(PDF) 11 Page - Texas Instruments

Part # TUSB8041I
Description  TUSB8041 Four-Port USB 3.0 Hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8041I Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB8041I Datasheet HTML 7Page - Texas Instruments TUSB8041I Datasheet HTML 8Page - Texas Instruments TUSB8041I Datasheet HTML 9Page - Texas Instruments TUSB8041I Datasheet HTML 10Page - Texas Instruments TUSB8041I Datasheet HTML 11Page - Texas Instruments TUSB8041I Datasheet HTML 12Page - Texas Instruments TUSB8041I Datasheet HTML 13Page - Texas Instruments TUSB8041I Datasheet HTML 14Page - Texas Instruments TUSB8041I Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
td2
GRSTz
VDD33
VDD
MISC_IO
td1
tsu_io
thd_io
11
TUSB8041
www.ti.com
SLLSEE4E – JUNE 2014 – REVISED JUNE 2016
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
An active reset is required if the VDD33 supply is stable before the VDD11 supply. This active Reset shall meet the 3ms power-up delay
counting from both power supplies being stable to the de-assertion of GRSTz.
(2)
There is no power-on relationship between VDD33 and VDD unless GRSTz is only connected to a capacitor to GND. Then VDD must
be stable minimum of 10 μs before the VDD33.
(3)
MISC pins sampled at de-assertion of GRSTz: FULLPWRMGMTz, GANGED, PWRCTL_POL, SMBUSz, BATEN[4:1], and AUTOENz.
7.6 Timing Requirements, Power-Up
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
td1
VDD33 stable before VDD stable(1)
See (2)
ms
td2
VDD and VDD33 stable before de-assertion of GRSTz
3
ms
tsu_io
Setup for MISC inputs(3) sampled at the de-assertion of GRSTz
0.1
µs
thd_io
Hold for MISC inputs(3) sampled at the de-assertion of GRSTz
0.1
µs
tVDD33_RAMP
VDD33 supply ramp requirements
0.2
100
ms
tVDD_RAMP
VDD supply ramp requirements
0.2
100
ms
Figure 2. Power-Up Timing Requirements
7.7 Hub Input Supply Current
Typical values measured at TA = 25°C
PARAMETER
VDD33
VDD
UNIT
3.3 V
1.1 V
LOW POWER MODES
Power On (after Reset)
2.3
28
mA
Upstream Disconnect
2.3
28
mA
Suspend
2.5
33
mA
ACTIVE MODES (US state / DS State)
3.0 host / 1 SS Device and Hub in U1 / U2
49
225
mA
3.0 host / 1 SS Device and Hub in U0
49
366
mA
3.0 host / 2 SS Devices and Hub in U1 / U2
49
305
mA
3.0 host / 2 SS Devices and Hub in U0
49
508
mA
3.0 host / 3 SS Devices and Hub in U1 / U2
49
380
mA
3.0 host / 3 SS Devices and Hub in U0
49
661
mA
3.0 host / 4 SS Devices and Hub in U1 / U2
49
455
mA
3.0 host / 4 SS Devices and Hub in U0
49
778
mA
3.0 host / 1 SS Device in U0 and 1 HS Device
85
395
mA
3.0 host / 2 SS Devices in U0 and 2 HS Devices
99
554
mA
2.0 host / HS Device
45
63
mA
2.0 host / 4 HS Devices
76
86
mA
SMBUS Programming current
79
225
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com