Electronic Components Datasheet Search
  English  ▼

X  

TUSB8041I Datasheet(PDF) 33 Page - Texas Instruments

Part # TUSB8041I
Description  TUSB8041 Four-Port USB 3.0 Hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8041I Datasheet(HTML) 33 Page - Texas Instruments

Back Button TUSB8041I Datasheet HTML 29Page - Texas Instruments TUSB8041I Datasheet HTML 30Page - Texas Instruments TUSB8041I Datasheet HTML 31Page - Texas Instruments TUSB8041I Datasheet HTML 32Page - Texas Instruments TUSB8041I Datasheet HTML 33Page - Texas Instruments TUSB8041I Datasheet HTML 34Page - Texas Instruments TUSB8041I Datasheet HTML 35Page - Texas Instruments TUSB8041I Datasheet HTML 36Page - Texas Instruments TUSB8041I Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
Limiting DS Port VBUS current to 2.2A per port.
PWRCTRL1_BATEN1
PWRCTRL2_BATEN2
ILIM1
DN1_VBUS
DN2_VBUS
BOARD_3P3V
BOARD_5V
BOARD_3P3V
PWRCTRL2_BATEN2
DN2_VBUS
DN1_VBUS
PWRCTRL1_BATEN1
OVERCUR2Z
OVERCUR1Z
C42
0.1uF
R19
10K
0402
5%
+
C44
150uF
U2
TPS2561
GND
1
IN
2
IN
3
EN1
4
EN2
5
FAULT2Z
6
ILIM
7
OUT2
8
OUT1
9
FAULT1Z
10
PAD
11
C43
0.1uF
R21
25.5K
0402
5%
+
C46
150uF
C45
0.1uF
R20
10K
0402
5%
Limiting DS Port VBUS current to 2.2A per port.
ILIM2
DN3_VBUS
DN4_VBUS
BOARD_3P3V
BOARD_5V
BOARD_3P3V
PWRCTRL4_BATEN4
DN4_VBUS
DN3_VBUS
PWRCTRL3_BATEN3
OVERCUR4Z
OVERCUR3Z
+
C49
150uF
U3
TPS2561
GND
1
IN
2
IN
3
EN1
4
EN2
5
FAULT2Z
6
ILIM
7
OUT2
8
OUT1
9
FAULT1Z
10
PAD
11
C48
0.1uF
R24
25.5K
0402
5%
C50
0.1uF
+
C51
150uF
R23
10K
0402
5%
C47
0.1uF
R22
10K
0402
5%
33
TUSB8041
www.ti.com
SLLSEE4E – JUNE 2014 – REVISED JUNE 2016
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
9.2.1.2.6
VBUS Power Switch Implementation
This particular example uses the Texas Instruments TPS2561 Dual Channel Precision Adjustable Current-
Limited power switch. For details on this power switch or other power switches available from Texas Instruments,
refer to the Texas Instruments website.
Figure 10. VBUS Power Switch Implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com