Electronic Components Datasheet Search
  English  ▼

X  

TUSB8041I Datasheet(PDF) 8 Page - Texas Instruments

Part # TUSB8041I
Description  TUSB8041 Four-Port USB 3.0 Hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8041I Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB8041I Datasheet HTML 4Page - Texas Instruments TUSB8041I Datasheet HTML 5Page - Texas Instruments TUSB8041I Datasheet HTML 6Page - Texas Instruments TUSB8041I Datasheet HTML 7Page - Texas Instruments TUSB8041I Datasheet HTML 8Page - Texas Instruments TUSB8041I Datasheet HTML 9Page - Texas Instruments TUSB8041I Datasheet HTML 10Page - Texas Instruments TUSB8041I Datasheet HTML 11Page - Texas Instruments TUSB8041I Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
8
TUSB8041
SLLSEE4E – JUNE 2014 – REVISED JUNE 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
GANGED/SMBA2/
HS_UP
42
I/O, PD
Ganged operation enable/SMBus Address bit 2/HS Connection Status Upstream Port.
The value of the pin is sampled at the de-assertion of reset to set the power switch and over
current detection mode as follows:
0 = Individual power control supported when power switching is enabled
1 = Power control gangs supported when power switching is enabled
When SMBus mode is enabled using SMBUSz, this pin sets the value of the SMBus slave
address bit 2.
After reset, this signal indicates the High-speed USB connection status of the upstream port if
enabled through the Additional Feature Configuration register. When enabled a value of 1
indicates the upstream port is connected to a High-speed USB capable port.
Note: Individual power control must be enabled for battery charging applications.
AUTOENz/
HS_SUSPEND
45
I/O, PU
Automatic Charge Mode Enable/HS Suspend Status.
The value of the pin is sampled at the de-assertion of reset to determine if automatic mode is
enabled as follows:
0 = Automatic Mode is enabled on ports that are enabled for battery charging when the
hub is unconnected. Please note that CDP is not supported on Port 1 when operating in
Automatic mode.
1 = Automatic Mode is disabled
This value is also used to set the autoEnz bit in the Battery Charging Support Register.
After reset, this signal indicates the High-speed USB Suspend status of the upstream port if
enabled through the Additional Feature Configuration register. When enabled a value of 1
indicates the connection is suspended.
TEST
49
I, PD
This pin is reserved for factory test.
Power and Ground Signals
VDD
5, 8,
13, 21,
28, 31,
51, 57
PWR
1.1-V power rail
VDD33
16, 34,
52, 63
PWR
3.3-V power rail
VSS
THERM
AL PAD
PWR
Ground. Thermal pad must be connected to ground.
NC
60
—
No connect, leave floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com