Electronic Components Datasheet Search
  English  ▼

X  

TUSB8041I Datasheet(PDF) 4 Page - Texas Instruments

Part # TUSB8041I
Description  TUSB8041 Four-Port USB 3.0 Hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8041I Datasheet(HTML) 4 Page - Texas Instruments

  TUSB8041I Datasheet HTML 1Page - Texas Instruments TUSB8041I Datasheet HTML 2Page - Texas Instruments TUSB8041I Datasheet HTML 3Page - Texas Instruments TUSB8041I Datasheet HTML 4Page - Texas Instruments TUSB8041I Datasheet HTML 5Page - Texas Instruments TUSB8041I Datasheet HTML 6Page - Texas Instruments TUSB8041I Datasheet HTML 7Page - Texas Instruments TUSB8041I Datasheet HTML 8Page - Texas Instruments TUSB8041I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
TEST 49
32
PWRCTL4/BATEN4
GRSTz 50
31
VDD
VDD 51
30
USB_SSRXM_DN4
VDD33 52
29
USB_SSRXP_DN4
USB_DP_UP 53
28
VDD
USB_DM_UP 54
27
USB_SSTXM_DN4
USB_SSTXP_UP 55
26
USB_SSTXP_DN4
USB_SSTXM_UP 56
25
USB_DM_DN4
VDD 57
24
USB_DP_DN4
USB_SSRXP_UP 58
23
USB_SSRXM_DN3
USB_SSRXM_UP 59
22
USB_SSRXP_DN3
NC 60
21
VDD
XO 61
20
USB_SSTXM_DN3
XI 62
19
USB_SSTXP_DN3
VDD33 63
18
USB_DM_DN3
USB_R1 64
17
USB_DP_DN3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VSS
4
TUSB8041
SLLSEE4E – JUNE 2014 – REVISED JUNE 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
6 Pin Configuration and Functions
RGC Package
64 Pin
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com