Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 225 Page - Texas Instruments

Part # DM505
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505 Datasheet(HTML) 225 Page - Texas Instruments

Back Button DM505 Datasheet HTML 221Page - Texas Instruments DM505 Datasheet HTML 222Page - Texas Instruments DM505 Datasheet HTML 223Page - Texas Instruments DM505 Datasheet HTML 224Page - Texas Instruments DM505 Datasheet HTML 225Page - Texas Instruments DM505 Datasheet HTML 226Page - Texas Instruments DM505 Datasheet HTML 227Page - Texas Instruments DM505 Datasheet HTML 228Page - Texas Instruments DM505 Datasheet HTML 229Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 295 page
background image
225
DM505
www.ti.com
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2018, Texas Instruments Incorporated
Figure 7-14. PDN’s Target impedance
1.Voltage Rail Drop includes regulation accuracy, voltage distribution drops, and all dynamic events
such as transient noise, AC ripple, voltage dips etc.
2.Typical max transient current is defined as 50% of max current draw possible.
7.3.2
Voltage Decoupling
Recommended power supply decoupling capacitors main characteristics for commercial products whose
ambient temperature is not to exceed +85C are shown in table below:
Table 7-1. Commercial Applications Recommended Decoupling Capacitors Characteristics(1)(2)(3)
Value
Voltage
[V]
Package
Stability
Dielectric
Capacitan
ce
Tolerance
Temp
Range [°C]
Temp
Sensitivity
[%]
REFERENCE
22µF
6,3
0603
Class 2
X5R
- / + 20%
-55 to + 85
- / + 15
GRM188R60J226MEA0L
10µF
4,0
0402
Class 2
X5R
- / + 20%
-55 to + 85
- / + 15
GRM155R60G106ME44
4.7µF
6,3
0402
Class 2
X5R
- / + 20%
-55 to + 85
- / + 15
GRM155R60J475ME95
2.2µF
6,3
0402
Class 2
X5R
- / + 20%
-55 to + 85
- / + 15
GRM155R60J225ME95
1µF
6,3
0201
Class 2
X5R
- / + 20%
-55 to + 85
- / + 15
GRM033R60J105MEA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com