Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 26 Page - Texas Instruments

Part # DM505
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505 Datasheet(HTML) 26 Page - Texas Instruments

Back Button DM505 Datasheet HTML 22Page - Texas Instruments DM505 Datasheet HTML 23Page - Texas Instruments DM505 Datasheet HTML 24Page - Texas Instruments DM505 Datasheet HTML 25Page - Texas Instruments DM505 Datasheet HTML 26Page - Texas Instruments DM505 Datasheet HTML 27Page - Texas Instruments DM505 Datasheet HTML 28Page - Texas Instruments DM505 Datasheet HTML 29Page - Texas Instruments DM505 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 295 page
background image
Copyright © 2016–2018, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
26
DM505
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
www.ti.com
Table 4-1. Pin Attributes(1) (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMODE
[4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET REL.
STATE [7]
BALL
RESET REL.
MUXMODE
[8]
I/O
VOLTAGE
VALUE [9]
POWER [10]
HYS [11]
BUFFER
TYPE [12]
PULL
UP/DOWN
TYPE [13]
DSIS [14]
D15
uart2_txd
uart2_txd
0
O
PU
PU
15
1.8/3.3
vddshv3
Yes
Dual Voltage
LVCMOS
PU/PD
spi3_d0
4
IO
0
timer2
6
IO
ehrpwm1B
7
O
gpmc_a13
11
O
dcan1_rx
12
IO
gpio4_18
14
IO
Driver off
15
I
H12, H13, H7,
J10, J11, J15,
K12, L12, L15,
N12, N16, P10,
P14
vdd
vdd
PWR
P22
vdda_adc
vdda_adc
PWR
A14
vdda_csi
vdda_csi
PWR
U19
vdda_dac
vdda_dac
PWR
N8
vdda_ddr_dsp
vdda_ddr_dsp
PWR
M8
vdda_gmac_core
vdda_gmac_core
PWR
E21
vdda_osc
vdda_osc
PWR
H14
vdda_per
vdda_per
PWR
G12, J7, L16,
P13, T11
vdds18v
vdds18v
PWR
P7, T9
vdds18v_ddr1
vdds18v_ddr1
PWR
G7
vdds18v_ddr2
vdds18v_ddr2
PWR
T16, V21
vdds18v_ddr3
vdds18v_ddr3
PWR
K2, K7, L7, M7
vddshv1
vddshv1
PWR
B8, G11, G8, G9
vddshv2
vddshv2
PWR
G14
vddshv3
vddshv3
PWR
A18, E20
vddshv4
vddshv4
PWR
H17, J16, J21
vddshv5
vddshv5
PWR
AA16, T10, T12,
T13
vddshv6
vddshv6
PWR
AA1, AB6, R1, T7,
T8
vdds_ddr1
vdds_ddr1
PWR
C2, E2, G6
vdds_ddr2
vdds_ddr2
PWR
AA22, AB19, T15
vdds_ddr3
vdds_ddr3
PWR
K8, L8, M9, P11,
P12, P8, P9
vdd_dspeve
vdd_dspeve
PWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com