Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 50 Page - Texas Instruments

Part # DM505
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505 Datasheet(HTML) 50 Page - Texas Instruments

Back Button DM505 Datasheet HTML 46Page - Texas Instruments DM505 Datasheet HTML 47Page - Texas Instruments DM505 Datasheet HTML 48Page - Texas Instruments DM505 Datasheet HTML 49Page - Texas Instruments DM505 Datasheet HTML 50Page - Texas Instruments DM505 Datasheet HTML 51Page - Texas Instruments DM505 Datasheet HTML 52Page - Texas Instruments DM505 Datasheet HTML 53Page - Texas Instruments DM505 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 295 page
background image
50
DM505
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2018, Texas Instruments Incorporated
Table 4-11. Timers Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
timer1
PWM output/event trigger input
IO
D14, R7
timer2
PWM output/event trigger input
IO
D15, D6
timer3
PWM output/event trigger input
IO
C5, F14, L1
timer4
PWM output/event trigger input
IO
C14, C6, L2
timer5
PWM output/event trigger input
IO
E7, N4
timer6
PWM output/event trigger input
IO
F7, R5
timer7
PWM output/event trigger input
IO
B6, F15
timer8
PWM output/event trigger input
IO
F16
4.3.11 I
2C
NOTE
For more information, see the Serial Communication Interface / Multimaster I2C Controller /
I2C Environment / I2C Pins for Typical Connections in I2C Mode section of the Device TRM.
Table 4-12. I2C Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Inter-Integrated Circuit Interface (I2C1)
i2c1_scl
I2C1 Clock
IOD
L3
i2c1_sda
I2C1 Data
IOD
L4
Inter-Integrated Circuit Interface (I2C2)
i2c2_scl
I2C2 Clock
IOD
L6
i2c2_sda
I2C2 Data
IOD
L5
4.3.12 UART
NOTE
For more information see the Serial Communication Interface UART section of the Device
TRM.
CAUTION
The IO timings provided in Section 5.9, Timing Requirements and Switching
Characteristics are only valid if signals within a single IOSET are used. The
IOSETs are defined in Table 5-45.
Table 4-13. UART Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Universal Asynchronous Receiver/Transmitter (UART1)
uart1_ctsn
UART1 clear to send active low
I
F14
uart1_rtsn
UART1 request to send active low
O
C14
uart1_rxd
UART1 Receive Data
I
F13
uart1_txd
UART1 Transmit Data
O
E14
Universal Asynchronous Receiver/Transmitter (UART2)
uart2_ctsn
UART2 clear to send active low
I
F15
uart2_rtsn
UART2 request to send active low
O
F16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com