Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 15 Page - Texas Instruments

Part # DM505
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505 Datasheet(HTML) 15 Page - Texas Instruments

Back Button DM505 Datasheet HTML 11Page - Texas Instruments DM505 Datasheet HTML 12Page - Texas Instruments DM505 Datasheet HTML 13Page - Texas Instruments DM505 Datasheet HTML 14Page - Texas Instruments DM505 Datasheet HTML 15Page - Texas Instruments DM505 Datasheet HTML 16Page - Texas Instruments DM505 Datasheet HTML 17Page - Texas Instruments DM505 Datasheet HTML 18Page - Texas Instruments DM505 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 295 page
background image
Copyright © 2016–2018, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
15
DM505
www.ti.com
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
Table 4-1. Pin Attributes(1) (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMODE
[4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET REL.
STATE [7]
BALL
RESET REL.
MUXMODE
[8]
I/O
VOLTAGE
VALUE [9]
POWER [10]
HYS [11]
BUFFER
TYPE [12]
PULL
UP/DOWN
TYPE [13]
DSIS [14]
T21
ddr1_dqs3
ddr1_dqs3
0
IO
PD
PD
0
1.2/1.35/1.5/
1.8
vdds_ddr3
LVCMOS
DDR
PUx/PDy
AB5
ddr1_dqsn0
ddr1_dqsn0
0
IO
PU
PU
0
1.2/1.35/1.5/
1.8
vdds_ddr1
LVCMOS
DDR
PUx/PDy
Y20
ddr1_dqsn1
ddr1_dqsn1
0
IO
PU
PU
0
1.2/1.35/1.5/
1.8
vdds_ddr3
LVCMOS
DDR
PUx/PDy
W2
ddr1_dqsn2
ddr1_dqsn2
0
IO
PU
PU
0
1.2/1.35/1.5/
1.8
vdds_ddr1
LVCMOS
DDR
PUx/PDy
T22
ddr1_dqsn3
ddr1_dqsn3
0
IO
PU
PU
0
1.2/1.35/1.5/
1.8
vdds_ddr3
LVCMOS
DDR
PUx/PDy
Y11
ddr1_ecc_d0
ddr1_ecc_d0
0
IO
PD
PD
0
1.2/1.35/1.5/
1.8
vdds_ddr1
LVCMOS
DDR
PUx/PDy
AA12
ddr1_ecc_d1
ddr1_ecc_d1
0
IO
PD
PD
0
1.2/1.35/1.5/
1.8
vdds_ddr1
LVCMOS
DDR
PUx/PDy
AA11
ddr1_ecc_d2
ddr1_ecc_d2
0
IO
PD
PD
0
1.2/1.35/1.5/
1.8
vdds_ddr1
LVCMOS
DDR
PUx/PDy
Y9
ddr1_ecc_d3
ddr1_ecc_d3
0
IO
PD
PD
0
1.2/1.35/1.5/
1.8
vdds_ddr1
LVCMOS
DDR
PUx/PDy
AA13
ddr1_ecc_d4
ddr1_ecc_d4
0
IO
PD
PD
0
1.2/1.35/1.5/
1.8
vdds_ddr1
LVCMOS
DDR
PUx/PDy
AB11
ddr1_ecc_d5
ddr1_ecc_d5
0
IO
PD
PD
0
1.2/1.35/1.5/
1.8
vdds_ddr1
LVCMOS
DDR
PUx/PDy
AA9
ddr1_ecc_d6
ddr1_ecc_d6
0
IO
PD
PD
0
1.2/1.35/1.5/
1.8
vdds_ddr1
LVCMOS
DDR
PUx/PDy
AB9
ddr1_ecc_d7
ddr1_ecc_d7
0
IO
PD
PD
0
1.2/1.35/1.5/
1.8
vdds_ddr1
LVCMOS
DDR
PUx/PDy
P2
ddr1_odt0
ddr1_odt0
0
O
PD
drive 0 (OFF) 0
1.2/1.35/1.5/
1.8
vdds_ddr1
LVCMOS
DDR
PUx/PDy
H1
emu0
emu0
0
IO
PU
PU
0
1.8/3.3
vddshv1
Yes
Dual Voltage
LVCMOS
PU/PD
gpio4_28
14
IO
Driver off
15
I
H2
emu1
emu1
0
IO
PU
PU
0
1.8/3.3
vddshv1
Yes
Dual Voltage
LVCMOS
PU/PD
gpio4_29
14
IO
Driver off
15
I
E8
gpmc_ad0
gpmc_ad0
0
IO
OFF
OFF
15
1.8/3.3
vddshv2
Yes
Dual Voltage
LVCMOS
PU/PD
0
rgmii1_rxd2
1
I
0
gpio1_14
14
IO
sysboot0
15
I
A7
gpmc_ad1
gpmc_ad1
0
IO
OFF
OFF
15
1.8/3.3
vddshv2
Yes
Dual Voltage
LVCMOS
PU/PD
0
rgmii1_rxd1
1
I
0
gpio1_15
14
IO
sysboot1
15
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com