Electronic Components Datasheet Search
  English  ▼

X  

ISO1540 Datasheet(PDF) 21 Page - Texas Instruments

Part # ISO1540
Description  ISO154x-Q1 Low-Power Bidirectional I2C Isolators
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1540 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO1540 Datasheet HTML 17Page - Texas Instruments ISO1540 Datasheet HTML 18Page - Texas Instruments ISO1540 Datasheet HTML 19Page - Texas Instruments ISO1540 Datasheet HTML 20Page - Texas Instruments ISO1540 Datasheet HTML 21Page - Texas Instruments ISO1540 Datasheet HTML 22Page - Texas Instruments ISO1540 Datasheet HTML 23Page - Texas Instruments ISO1540 Datasheet HTML 24Page - Texas Instruments ISO1540 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
8.1 Application Information
8.1.1 I2C Bus Overview
The inter-integrated circuit (I2C) bus is a single-ended, multi-controller, 2-wire bus for efficient inter-IC
communication in half-duplex mode.
I2C uses open-drain technology, requiring two lines, serial data (SDA) and serial clock (SCL), to be connected
to VDD by resistors (see Figure 8-1). Pulling the line to ground is considered a logic zero while letting the line
float is a logic one. This logic is used as a channel access method. Transitions of logic states must occur while
the SCL pin is low. Transitions while the SCL pin is high indicate START and STOP conditions. Typical supply
voltages are 3.3 V and 5 V, although systems with higher or lower voltages are allowed.
SDA
SCL
VDD
RPU
RPU
RPU
RPU
RPU
RPU
RPU
RPU
C
Controller
C
Target
GND
GND
GND
SDA
SCL
GND
SDA
SCL
SDA
SCL
SDA
SCL
DAC
Target
ADC
Target
Figure 8-1. I2C Bus
I2C communication uses a 7-bit address space with 16 reserved addresses, so a theoretical maximum of 112
nodes can communicate on the same bus. In praxis, however, the number of nodes is limited by the specified,
total bus capacitance of 400 pF, which restricts communication distances to a few meters.
The specified signaling rates for the ISO1540-Q1 and ISO1541-Q1 devices are 100 kbps (standard mode), 400
kbps (fast mode), 1 Mbps (fast mode plus).
The bus has two roles for nodes: controller and target. A controller node issues the clock and target addresses,
and also initiates and ends data transactions. A target node receives the clock and addresses and responds to
requests from the controller. Figure 8-2 shows a typical data transfer between controller and target.
www.ti.com
ISO1540-Q1, ISO1541-Q1
SLLSEX0D – NOVEMBER 2016 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ISO1540-Q1 ISO1541-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com