Electronic Components Datasheet Search
  English  ▼

X  

ISO1540 Datasheet(PDF) 5 Page - Texas Instruments

Part # ISO1540
Description  ISO154x-Q1 Low-Power Bidirectional I2C Isolators
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1540 Datasheet(HTML) 5 Page - Texas Instruments

  ISO1540 Datasheet HTML 1Page - Texas Instruments ISO1540 Datasheet HTML 2Page - Texas Instruments ISO1540 Datasheet HTML 3Page - Texas Instruments ISO1540 Datasheet HTML 4Page - Texas Instruments ISO1540 Datasheet HTML 5Page - Texas Instruments ISO1540 Datasheet HTML 6Page - Texas Instruments ISO1540 Datasheet HTML 7Page - Texas Instruments ISO1540 Datasheet HTML 8Page - Texas Instruments ISO1540 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1) (2)
MIN
MAX
UNIT
Voltage
VCC1, VCC2
–0.5
6
V
SDA1, SCL1
–0.5
VCC1 + 0.5(3)
SDA2, SCL2
–0.5
VCC2 + 0.5(3)
IO
Output current
SDA1, SCL1
0
20
mA
SDA2, SCL2
0
100
TJ(MAX)
Maximum junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
All voltage values here within are with respect to the local ground pin (GND1 or GND2) and are peak voltage values.
(3)
Maximum voltage must not exceed 6 V.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC
Q100-002(1)
All pins except bus pins
±4000
V
Bus pins
±8000
Charged-device model (CDM), per AEC Q100-011
±1500
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
VCC1, VCC2
Supply voltage
3
5.5
V
VSDA1, VSCL1
Input and output signal voltages, side 1
0
VCC1
V
VSDA2, VSCL2
Input and output signal voltages, side 2
0
VCC2
V
VIL1
Low-level input voltage, side 1
0
0.5
V
VIH1
High-level input voltage, side 1
0.7 × VCC1
VCC1
V
VIL2
Low-level input voltage, side 2
0
0.3 × VCC2
V
VIH2
High-level input voltage, side 2
0.7 × VCC2
VCC2
V
IOL1
Output current, side 1
0.5
3.5
mA
IOL2
Output current, side 2
0.5
35
mA
C1
Capacitive load, side 1
40
pF
C2
Capacitive load, side 2
400
pF
fMAX
Operating frequency(1)
1
MHz
TA
Ambient temperature
–40
125
°C
TJ
Junction temperature
–40
136
°C
TSD
Thermal shutdown
139
197
°C
(1)
This represents the maximum frequency with the maximum bus load (C) and the maximum current sink (IO). If the system has less bus
capacitance, then higher frequencies can be achieved.
www.ti.com
ISO1540-Q1, ISO1541-Q1
SLLSEX0D – NOVEMBER 2016 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: ISO1540-Q1 ISO1541-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com