Electronic Components Datasheet Search
  English  ▼

X  

ISO1540 Datasheet(PDF) 24 Page - Texas Instruments

Part # ISO1540
Description  ISO154x-Q1 Low-Power Bidirectional I2C Isolators
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1540 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ISO1540 Datasheet HTML 20Page - Texas Instruments ISO1540 Datasheet HTML 21Page - Texas Instruments ISO1540 Datasheet HTML 22Page - Texas Instruments ISO1540 Datasheet HTML 23Page - Texas Instruments ISO1540 Datasheet HTML 24Page - Texas Instruments ISO1540 Datasheet HTML 25Page - Texas Instruments ISO1540 Datasheet HTML 26Page - Texas Instruments ISO1540 Datasheet HTML 27Page - Texas Instruments ISO1540 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
lines (SDA1 and SCL1) to VCC1 and on output lines (SDA1 and SCL1) to VCC2, depends on the load and rise
time requirements on the respective lines.
1
ISO154 0-Q1
SDA2
SCL2
SCL1
GND2
GND1
VCC2
VCC1
SDA1
4
Side 1
Side 2
2mm
maximu m
2 mm
maximu m
8
7
6
5
2
3
1
1 k
0.1 F
0.1 F
1 k
1 k
1 k
Figure 8-5. Typical ISO1540-Q1 Circuit Hookup
1
ISO154 1-Q1
SDA2
SCL2
SCL1
GND2
GND1
VCC2
VCC1
SDA1
4
Side 1
Side 2
2mm
maximu m
2 mm
maximu m
8
7
6
5
2
3
1
1 k
0.1 F
0.1 F
1 k
1 k
1 k
Figure 8-6. Typical ISO1541-Q1 Circuit Hookup
8.2.3 Application Curve
T
= 25 C
VCC1 = 3.6 V
A
o
Time - 50 ns/div
900 mV
VOL1
GND1
Figure 8-7. Side 1: Low-to-High Transition
ISO1540-Q1, ISO1541-Q1
SLLSEX0D – NOVEMBER 2016 – REVISED DECEMBER 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ISO1540-Q1 ISO1541-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com