Electronic Components Datasheet Search
  English  ▼

X  

ISO1540 Datasheet(PDF) 9 Page - Texas Instruments

Part # ISO1540
Description  ISO154x-Q1 Low-Power Bidirectional I2C Isolators
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1540 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO1540 Datasheet HTML 5Page - Texas Instruments ISO1540 Datasheet HTML 6Page - Texas Instruments ISO1540 Datasheet HTML 7Page - Texas Instruments ISO1540 Datasheet HTML 8Page - Texas Instruments ISO1540 Datasheet HTML 9Page - Texas Instruments ISO1540 Datasheet HTML 10Page - Texas Instruments ISO1540 Datasheet HTML 11Page - Texas Instruments ISO1540 Datasheet HTML 12Page - Texas Instruments ISO1540 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
6.9 Electrical Characteristics
over recommended operating conditions, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SIDE 1 (ONLY)
VILT1
Voltage input threshold low, SDA1
and SCL1
480
550
660
mV
VIHT1
Voltage input threshold high, SDA1
and SCL1
520
610
700
mV
VHYST1 Voltage input hysteresis
VIHT1 –VILT1
40
60
mV
VOL1
Low-level output voltage, SDA1 and
SCL1(1)
0.5 mA ≤ (ISDA1 and ISCL1) ≤ 3.5 mA
570
800
mV
ΔVOIT1
Low-level output voltage to high-
level input voltage threshold
difference, SDA1 and SCL1(1) (2)
0.5 mA ≤ (ISDA1 and ISCL1) ≤ 3.5 mA
50
mV
SIDE 2 (ONLY)
VILT2
Voltage input threshold low, SDA2
and SCL2
0.3 × VCC2
0.4 × VCC2
V
VIHT2
Voltage input threshold high, SDA2
and SCL2
0.4 × VCC2
0.5 × VCC2
V
VHYST2 Voltage input hysteresis
VIHT2 – VILT2
0.05 × VCC2
V
VOL2
Low-level output voltage, SDA2 and
SCL2
0.5 mA ≤ (ISDA2 and ISCL2) ≤ 35 mA
0.4
V
BOTH SIDES
|II|
Input leakage currents, SDA1,
SCL1, SDA2, and SCL2
VSDA1, VSCL1 = VCC1;
VSDA2, VSCL2 = VCC2
0.01
10
µA
CI
Input capacitance to local ground,
SDA1, SCL1, SDA2, and SCL2
VI = 0.4 × sin(2E6πt) + 2.5 V
7
pF
CMTI
Common-mode transient immunity
See Figure 7-3
25
50
kV/µs
VCCUV
VCC undervoltage lockout
threshold(3)
1.7
2.5
2.9
V
(1)
This parameter does not apply to the ISO1541-Q1 SCL1 line as it is unidirectional.
(2)
∆VOIT1 = VOL1 – VIHT1. This represents the minimum difference between a Low-Level Output Voltage and a High-Level Input Voltage
Threshold to prevent a permanent latch condition that would otherwise exist with bidirectional communication.
(3)
Any VCC voltages, on either side, less than the minimum will ensure device lockout. Both VCC voltages greater than the maximum will
prevent device lockout.
www.ti.com
ISO1540-Q1, ISO1541-Q1
SLLSEX0D – NOVEMBER 2016 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: ISO1540-Q1 ISO1541-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com