Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 151 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 151 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 147Page - Texas Instruments TDA2SA Datasheet HTML 148Page - Texas Instruments TDA2SA Datasheet HTML 149Page - Texas Instruments TDA2SA Datasheet HTML 150Page - Texas Instruments TDA2SA Datasheet HTML 151Page - Texas Instruments TDA2SA Datasheet HTML 152Page - Texas Instruments TDA2SA Datasheet HTML 153Page - Texas Instruments TDA2SA Datasheet HTML 154Page - Texas Instruments TDA2SA Datasheet HTML 155Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 427 page
background image
151
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Table 5-9. Maximum Supported Frequency (continued)
Module
Clock Sources
Instance Name
Input Clock Name
Clock
Type
Max. Clock
Allowed (MHz)
PRCM Clock Name
PLL / OSC /
Source Clock
Name
PLL / OSC /
Source Name
PCIESS1
PCIE1_PHY_WKU
P_CLK
Func
0.032
PCIE_32K_GFCLK
FUNC_32K_CLK
RTC Oscillator
PCIe_SS1_FICLK
Int
266
PCIE_L3_GICLK
CORE_X2_CLK
DPLL_CORE
PCIEPHY_CLK
Func
2500
PCIE_PHY_GCLK
PCIE_PHY_GCLK
APLL_PCIE
PCIEPHY_CLK_DI
V
Func
1250
PCIE_PHY_DIV_GCLK
PCIE_PHY_DIV_G
CLK
APLL_PCIE
PCIE1_REF_CLKI
N
Func
34.3
PCIE_REF_GFCLK
CORE_USB_OTG_
SS_LFPS_TX_CLK
DPLL_CORE
PCIE1_PWR_CLK
Func
38.4
PCIE_SYS_GFCLK
SYS_CLK1
OSC1
PRCM_MPU
32K_CLK
Func
0.032
FUNC_32K_CLK
SYS_CLK1/610
OSC1
SYS_CLK
Func
38.4
WKUPAON_ICLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CL
K
DPLL_ABE
QSPI
QSPI_ICLK
Int
266
L4PER2_L3_GICLK
CORE_X2_CLK
DPLL_CORE
QSPI_FCLK
Func
128
QSPI_GFCLK
FUNC_256M_CLK
DPLL_PER
PER_QSPI_CLK
DPLL_PER
RNG
RNG_ICLK
Int
266
L4SEC_L3_GICLK
CORE_X2_CLK
DPLL_CORE
RTC_SS
RTC_ICLK
Int
133
RTC_L4_GICLK
CORE_X2_CLK
DPLL_CORE
RTC_FCLK
Func
RTC_FCLK
RTC_AUX_CLK
FUNC_32K_CLK
RTC Oscillator
FUNC_32K_CLK
SYS_CLK1/610
OSC1
SAR_ROM
PRCM_ROM_CLO
CK
Int
266
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE
SDMA
SDMA_FCLK
Int &
Func
266
DMA_L3_GICLK
CORE_X2_CLK
DPLL_CORE
SHA2MD51
SHAM_1_CLK
Int
266
L4SEC_L3_GICLK
CORE_X2_CLK
DPLL_CORE
SHA2MD52
SHAM_2_CLK
Int
266
L4SEC_L3_GICLK
CORE_X2_CLK
DPLL_CORE
SL2
IVA_GCLK
Int
IVA_GCLK
IVA_GCLK
IVA_GFCLK
DPLL_IVA
SMARTREFLEX_C
ORE
MCLK
Int
133
COREAON_L4_GICLK
CORE_X2_CLK
DPLL_CORE
SYSCLK
Func
38.4
WKUPAON_ICLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CL
K
DPLL_ABE
SMARTREFLEX_D
SPEVE
MCLK
Int
133
COREAON_L4_GICLK
CORE_X2_CLK
DPLL_CORE
SYSCLK
Func
38.4
WKUPAON_ICLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CL
K
DPLL_ABE
SMARTREFLEX_G
PU
MCLK
Int
133
COREAON_L4_GICLK
CORE_X2_CLK
DPLL_CORE
SYSCLK
Func
38.4
WKUPAON_ICLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CL
K
DPLL_ABE
SMARTREFLEX_IV
AHD
MCLK
Int
133
COREAON_L4_GICLK
CORE_X2_CLK
DPLL_CORE
SYSCLK
Func
38.4
WKUPAON_ICLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CL
K
DPLL_ABE
SMARTREFLEX_M
PU
MCLK
Int
133
COREAON_L4_GICLK
CORE_X2_CLK
DPLL_CORE
SYSCLK
Func
38.4
WKUPAON_ICLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CL
K
DPLL_ABE
SPINLOCK
SPINLOCK_ICLK
Int
266
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com