Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 148 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 148 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 144Page - Texas Instruments TDA2SA Datasheet HTML 145Page - Texas Instruments TDA2SA Datasheet HTML 146Page - Texas Instruments TDA2SA Datasheet HTML 147Page - Texas Instruments TDA2SA Datasheet HTML 148Page - Texas Instruments TDA2SA Datasheet HTML 149Page - Texas Instruments TDA2SA Datasheet HTML 150Page - Texas Instruments TDA2SA Datasheet HTML 151Page - Texas Instruments TDA2SA Datasheet HTML 152Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 427 page
background image
148
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Table 5-9. Maximum Supported Frequency (continued)
Module
Clock Sources
Instance Name
Input Clock Name
Clock
Type
Max. Clock
Allowed (MHz)
PRCM Clock Name
PLL / OSC /
Source Clock
Name
PLL / OSC /
Source Name
GPU
GPU_FCLK1
Func
GPU_CLK
GPU_CORE_GCLK
CORE_GPU_CLK
DPLL_CORE
PER_GPU_CLK
DPLL_PER
GPU_GCLK
DPLL_GPU
GPU_FCLK2
Func
GPU_CLK
GPU_HYD_GCLK
CORE_GPU_CLK
DPLL_CORE
PER_GPU_CLK
DPLL_PER
GPU_GCLK
DPLL_GPU
GPU_ICLK
Int
266
GPU_L3_GICLK
CORE_X2_CLK
DPLL_CORE
HDMI PHY
DSS_HDMI_PHY_
CLK
Func
38.4
HDMI_PHY_GFCLK
FUNC_192M_CLK
DPLL_PER
I2C1
I2C1_ICLK
Int
266
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
I2C1_FCLK
Func
96
PER_96M_GFCLK
FUNC_192M_CLK
DPLL_PER
I2C2
I2C2_ICLK
Int
266
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
I2C2_FCLK
Func
96
PER_96M_GFCLK
FUNC_192M_CLK
DPLL_PER
I2C3
I2C3_ICLK
Int
266
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
I2C3_FCLK
Func
96
PER_96M_GFCLK
FUNC_192M_CLK
DPLL_PER
I2C4
I2C4_ICLK
Int
266
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
I2C4_FCLK
Func
96
PER_96M_GFCLK
FUNC_192M_CLK
DPLL_PER
I2C5
I2C5_ICLK
Int
266
IPU_L3_GICLK
CORE_X2_CLK
DPLL_CORE
I2C5_FCLK
Func
96
IPU_96M_GFCLK
FUNC_192M_CLK
DPLL_PER
IEEE1500_2_OCP
PI_L3CLK
Int &
Func
266
L3INIT_L3_GICLK
CORE_X2_CLK
DPLL_CORE
IPU1
IPU1_GFCLK
Int &
Func
425.6
IPU1_GFCLK
DPLL_ABE_X2_CL
K
DPLL_ABE
CORE_IPU_ISS_B
OOST_CLK
DPLL_CORE
IPU2
IPU2_GFCLK
Int &
Func
425.6
IPU2_GFCLK
CORE_IPU_ISS_B
OOST_CLK
DPLL_CORE
IVA
IVA_GCLK
Int
IVA_GCLK
IVA_GCLK
IVA_GFCLK
DPLL_IVA
L3_INSTR
L3_CLK
Int
L3_CLK
L3INSTR_L3_GICLK
CORE_X2_CLK
DPLL_CORE
L3_MAIN
L3_CLK1
Int
L3_CLK
L3MAIN1_L3_GICLK
CORE_X2_CLK
DPLL_CORE
L3_CLK2
Int
L3_CLK
L3INSTR_L3_GICLK
CORE_X2_CLK
DPLL_CORE
L4_CFG
L4_CFG_CLK
Int
133
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE
L4_PER1
L4_PER1_CLK
Int
133
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
L4_PER2
L4_PER2_CLK
Int
133
L4PER2_L3_GICLK
CORE_X2_CLK
DPLL_CORE
L4_PER3
L4_PER3_CLK
Int
133
L4PER3_L3_GICLK
CORE_X2_CLK
DPLL_CORE
L4_WKUP
L4_WKUP_CLK
Int
38.4
WKUPAON_GICLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CL
K
DPLL_ABE
MAILBOX1
MAILBOX1_FLCK
Int
266
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE
MAILBOX2
MAILBOX2_FLCK
Int
266
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE
MAILBOX3
MAILBOX3_FLCK
Int
266
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE
MAILBOX4
MAILBOX4_FLCK
Int
266
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE
MAILBOX5
MAILBOX5_FLCK
Int
266
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE
MAILBOX6
MAILBOX6_FLCK
Int
266
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE
MAILBOX7
MAILBOX7_FLCK
Int
266
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE
MAILBOX8
MAILBOX8_FLCK
Int
266
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE
MAILBOX9
MAILBOX9_FLCK
Int
266
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com