Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 144 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 144 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 140Page - Texas Instruments TDA2SA Datasheet HTML 141Page - Texas Instruments TDA2SA Datasheet HTML 142Page - Texas Instruments TDA2SA Datasheet HTML 143Page - Texas Instruments TDA2SA Datasheet HTML 144Page - Texas Instruments TDA2SA Datasheet HTML 145Page - Texas Instruments TDA2SA Datasheet HTML 146Page - Texas Instruments TDA2SA Datasheet HTML 147Page - Texas Instruments TDA2SA Datasheet HTML 148Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 427 page
background image
144
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Table 5-8. Supported OPP vs Max Frequency(2) (continued)
DESCRIPTION
OPP_NOM
OPP_OD
OPP_HIGH
MAX FREQ. (MHz)
MAX FREQ. (MHz)
MAX FREQ. (MHz)
VD_CORE
CORE_IPUx_CLK
212.8
N/A
N/A
L3_CLK
266
N/A
N/A
DDR2
400 (DDR2-800)
N/A
N/A
DDR3 / DDR3L
532 (DDR3-1066)
N/A
N/A
VD_RTC
RTC_FCLK
0.034
N/A
N/A
(1) N/A in this table stands for Not Applicable
(2) Maximum supported frequency is limited according to , Speed Grade Maximum Frequency).
5.5.3
Maximum Supported Frequency
Device modules either receive their clock directly from an external clock input, directly from a PLL, or from
a PRCM. Table 5-9 lists the clock source options for each module on this device, along with the maximum
frequency that module can accept. To ensure proper module functionality, the device PLLs and dividers
must be programmed not to exceed the maximum frequencies listed in this table.
Table 5-9. Maximum Supported Frequency
Module
Clock Sources
Instance Name
Input Clock Name
Clock
Type
Max. Clock
Allowed (MHz)
PRCM Clock Name
PLL / OSC /
Source Clock
Name
PLL / OSC /
Source Name
AES1
AES1_L3_CLK
Int
266
L4SEC_L3_GICLK
CORE_X2_CLK
DPLL_CORE
AES2
AES2_L3_CLK
Int
266
L4SEC_L3_GICLK
CORE_X2_CLK
DPLL_CORE
COUNTER_32K
COUNTER_32K_F
CLK
Func
0.032
FUNC_32K_CLK
SYS_CLK1/610
OSC1
COUNTER_32K_IC
LK
Int
38.4
WKUPAON_GICLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CL
K
DPLL_ABE
CTRL_MODULE_B
ANDGAP
L3INSTR_TS_GCL
K
Int
4.8
L3INSTR_TS_GCLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CL
K
DPLL_ABE
CTRL_MODULE_C
ORE
L4CFG_L4_GICLK
Int
133
L4CFG_L4_GICLK
CORE_X2_CLK
DPLL_CORE
CTRL_MODULE_
WKUP
WKUPAON_GICLK
Int
38.4
WKUPAON_GICLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CL
K
DPLL_ABE
DCAN1
DCAN1_FCLK
Func
38.4
DCAN1_SYS_CLK
SYS_CLK1
OSC1
SYS_CLK2
OSC2
DCAN1_ICLK
Int
266
WKUPAON_GICLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CL
K
DPLL_ABE
DCAN2
DCAN2_FCLK
Func
38.4
DCAN2_SYS_CLK
SYS_CLK1
OSC1
DCAN2_ICLK
Int
266
L4PER2_L3_GICLK
CORE_X2_CLK
DPLL_CORE
DES3DES
DES_CLK_L3
Int
266
L4SEC_L3_GICLK
CORE_X2_CLK
DPLL_CORE
DLL
EMIF_DLL_FCLK
Func
EMIF_DLL_FC
LK
EMIF_DLL_GCLK
EMIF_DLL_GCLK
DPLL_DDR
DLL_AGING
FCLK
Int
38.4
L3INSTR_DLL_AGING
_GCLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CL
K
DPLL_ABE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com