Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 145 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 145 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 141Page - Texas Instruments TDA2SA Datasheet HTML 142Page - Texas Instruments TDA2SA Datasheet HTML 143Page - Texas Instruments TDA2SA Datasheet HTML 144Page - Texas Instruments TDA2SA Datasheet HTML 145Page - Texas Instruments TDA2SA Datasheet HTML 146Page - Texas Instruments TDA2SA Datasheet HTML 147Page - Texas Instruments TDA2SA Datasheet HTML 148Page - Texas Instruments TDA2SA Datasheet HTML 149Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 427 page
background image
145
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Table 5-9. Maximum Supported Frequency (continued)
Module
Clock Sources
Instance Name
Input Clock Name
Clock
Type
Max. Clock
Allowed (MHz)
PRCM Clock Name
PLL / OSC /
Source Clock
Name
PLL / OSC /
Source Name
DMA_CRYPTO
DMA_CRYPTO_FC
LK
Int &
Func
266
L4SEC_L3_GICLK
CORE_X2_CLK
DPLL_CORE
DMA_CRYPTO_IC
LK
Int
133
L4SEC_L4_GICLK
CORE_X2_CLK
DPLL_CORE
DMM
DMM_CLK
Int
266
EMIF_L3_GICLK
CORE_X2_CLK
DPLL_CORE
DPLL_DEBUG
SYSCLK
Int
38.4
EMU_SYS_CLK
SYS_CLK1
OSC1
DSP1
DSP1_FICLK
Int &
Func
DSP_CLK
DSP1_GFCLK
DSP_GFCLK
DPLL_DSP
DSP2
DSP2_FICLK
Int &
Func
DSP_CLK
DSP2_GFCLK
DSP_GFCLK
DPLL_DSP
DSS
DSS_HDMI_CEC_
CLK
Func
0.032
HDMI_CEC_GFCLK
SYS_CLK1/610
OSC1
DSS_HDMI_PHY_
CLK
Func
48
HDMI_PHY_GFCLK
FUNC_192M_CLK
DPLL_PER
DSS_CLK
Func
192
DSS_GFCLK
DSS_CLK
DPLL_PER
HDMI_CLKINP
Func
38.4
HDMI_DPLL_CLK
SYS_CLK1
OSC1
SYS_CLK2
OSC2
DSS_L3_ICLK
Int
266
DSS_L3_GICLK
CORE_X2_CLK
DPLL_CORE
VIDEO1_CLKINP
Func
38.4
VIDEO1_DPLL_CLK
SYS_CLK1
OSC1
SYS_CLK2
OSC2
VIDEO2_CLKINP
Func
38.4
VIDEO2_DPLL_CLK
SYS_CLK1
OSC1
SYS_CLK2
OSC2
DPLL_DSI1_A_CL
K1
Func
209.3
N/A
HDMI_CLK
DPLL_HDMI
VIDEO1_CLKOUT1
DPLL_VIDEO1
DPLL_DSI1_B_CL
K1
Func
209.3
N/A
VIDEO1_CLKOUT3
DPLL_VIDEO1
VIDEO2_CLKOUT3
DPLL_VIDEO2
HDMI_CLK
DPLL_HDMI
DPLL_ABE_X2_CL
K
DPLL_ABE
DPLL_DSI1_C_CL
K1
Func
209.3
N/A
HDMI_CLK
DPLL_HDMI
VIDEO1_CLKOUT3
DPLL_VIDEO1
VIDEO2_CLKOUT1
DPLL_VIDEO2
DPLL_HDMI_CLK1
Func
185.6
N/A
HDMI_CLK
DPLL_HDMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com