Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 195 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 195 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 191Page - Texas Instruments TDA2SA Datasheet HTML 192Page - Texas Instruments TDA2SA Datasheet HTML 193Page - Texas Instruments TDA2SA Datasheet HTML 194Page - Texas Instruments TDA2SA Datasheet HTML 195Page - Texas Instruments TDA2SA Datasheet HTML 196Page - Texas Instruments TDA2SA Datasheet HTML 197Page - Texas Instruments TDA2SA Datasheet HTML 198Page - Texas Instruments TDA2SA Datasheet HTML 199Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 427 page
background image
195
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Table 7-2. Modes Summary (continued)
Virtual or Manual IO Mode Name
Data Manual Timing Mode
No Virtual or Manual IO Timing
Mode Required
McASP4 Synchronous Transmit Timings
MCASP4_VIRTUAL1_SYNC_RX
See Table 7-54
No Virtual or Manual IO Timing
Mode Required
McASP5 Synchronous Transmit Timings
MCASP5_VIRTUAL1_SYNC_RX
See Table 7-55
No Virtual or Manual IO Timing
Mode Required
McASP6 Synchronous Transmit Timings
MCASP6_VIRTUAL1_SYNC_RX
See Table 7-56
No Virtual or Manual IO Timing
Mode Required
McASP7 Synchronous Transmit Timings
MCASP7_VIRTUAL2_SYNC_RX
See Table 7-57
No Virtual or Manual IO Timing
Mode Required
McASP8 Synchronous Transmit Timings
MCASP8_VIRTUAL1_SYNC_RX
See Table 7-58
GMAC
No Virtual or Manual IO Timing
Mode Required
GMAC MII1/2 Timings
GMAC_RMII0_MANUAL1
GMAC RMII0 Timings
GMAC_RMII1_MANUAL1
GMAC RMII1 Timings
GMAC_RGMII0_MANUAL1
GMAC RGMII0 Internal Delay Enabled Timings Mode
GMAC_RGMII1_MANUAL1
GMAC RGMII1 Internal Delay Enabled Timings Mode
eMMC/SD/SDIO
No Virtual or Manual IO Timing
Mode Required
MMC1 DS (Pad Loopback) and SDR12 (Pad Loopback) Timings
MMC1_VIRTUAL1
MMC1 HS (Internal Loopback and Pad Loopback), SDR12 (Internal Loopback), SDR25 Timings
(Internal Loopback and Pad Loopback)
MMC1_VIRTUAL2
SDR50 (Pad Loopback) Timings
MMC1_VIRTUAL5
MMC1 DS (Internal Loopback) Timings
MMC1_VIRTUAL6
MMC1 SDR50 (Internal Loopback) Timings
MMC1_VIRTUAL7
MMC1 DDR50 (Internal Loopback) Timings
MMC1_DDR_MANUAL1
MMC1 DDR50 (Pad Loopback) Timings
MMC1_SDR104_MANUAL1
MMC1 SDR104 Timings
No Virtual or Manual IO Timing
Mode Required
MMC2 Standard (Pad Loopback), High Speed (Pad Loopback), and DDR (Pad Loopback) Timings
MMC2_DDR_LB_MANUAL1
MMC2 DDR (Internal Loopback) Timings
MMC2_HS200_MANUAL1
MMC2 HS200 Timings
MMC2_STD_HS_LB_MANUAL1
MMC2 Standard (Internal Loopback), High Speed (Internal Loopback) Timings
MMC3_MANUAL1
MMC3 DS, SDR12, HS, SDR25, SDR50 Timings
MMC4_MANUAL1
MMC4 SDR12, HS, SDR25 Timings
MMC4_DS_MANUAL1
MMC4 DS Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com