Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 199 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 199 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 195Page - Texas Instruments TDA2SA Datasheet HTML 196Page - Texas Instruments TDA2SA Datasheet HTML 197Page - Texas Instruments TDA2SA Datasheet HTML 198Page - Texas Instruments TDA2SA Datasheet HTML 199Page - Texas Instruments TDA2SA Datasheet HTML 200Page - Texas Instruments TDA2SA Datasheet HTML 201Page - Texas Instruments TDA2SA Datasheet HTML 202Page - Texas Instruments TDA2SA Datasheet HTML 203Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 427 page
background image
199
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Table 7-5. VIN3 IOSETs (continued)
Signals
IOSET1
IOSET2
IOSET3
IOSET4
BALL
MUX
BALL
MUX
BALL
MUX
BALL
MUX
vin3a_clk0
P1
2
AH7
6
AH7
6
B11
4
vin3b
vin3b_clk1
P7
6
M4
4
-
-
-
-
vin3b_de1
N6
6
N6
6
-
-
-
-
vin3b_fld1
M4
6
-
-
-
-
-
-
vin3b_d0
K7
6
K7
6
-
-
-
-
vin3b_d1
M7
6
M7
6
-
-
-
-
vin3b_d2
J5
6
J5
6
-
-
-
-
vin3b_d3
K6
6
K6
6
-
-
-
-
vin3b_d4
J7
6
J7
6
-
-
-
-
vin3b_d5
J4
6
J4
6
-
-
-
-
vin3b_d6
J6
6
J6
6
-
-
-
-
vin3b_d7
H4
6
H4
6
-
-
-
-
vin3b_hsync1
H5
6
H5
6
-
-
-
-
vin3b_vsync1
H6
6
H6
6
-
-
-
-
Table 7-6. VIN4 IOSETs
Signals
IOSET1
IOSET2
IOSET3
BALL
MUX
BALL
MUX
BALL
MUX
vin4a
vin4a_d0
R6
4
B7
3
B14
8
vin4a_d1
T9
4
B8
3
J14
8
vin4a_d2
T6
4
A7
3
G13
8
vin4a_d3
T7
4
A8
3
J11
8
vin4a_d4
P6
4
C9
3
E12
8
vin4a_d5
R9
4
A9
3
F13
8
vin4a_d6
R5
4
B9
3
C12
8
vin4a_d7
P5
4
A10
3
D12
8
vin4a_d8
U2
4
E8
3
E15
8
vin4a_d9
U1
4
D9
3
A20
8
vin4a_d10
P3
4
D7
3
B15
8
vin4a_d11
R2
4
D8
3
A15
8
vin4a_d12
K7
4
A5
3
D15
8
vin4a_d13
M7
4
C6
3
B16
8
vin4a_d14
J5
4
C8
3
B17
8
vin4a_d15
K6
4
C7
3
A17
8
vin4a_d16
-
-
F11
3
C18
8
vin4a_d17
-
-
G10
3
A21
8
vin4a_d18
-
-
F10
3
G16
8
vin4a_d19
-
-
G11
3
D17
8
vin4a_d20
-
-
E9
3
AA3
8
vin4a_d21
-
-
F9
3
AB9
8
vin4a_d22
-
-
F8
3
AB3
8
vin4a_d23
-
-
E7
3
AA4
8
vin4a_hsync0
R3/ P7
4 / 4
C11
3
E21
8
vin4a_vsync0
T2/ N1
4 / 4
E11
3
F20
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com