Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 203 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 203 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 199Page - Texas Instruments TDA2SA Datasheet HTML 200Page - Texas Instruments TDA2SA Datasheet HTML 201Page - Texas Instruments TDA2SA Datasheet HTML 202Page - Texas Instruments TDA2SA Datasheet HTML 203Page - Texas Instruments TDA2SA Datasheet HTML 204Page - Texas Instruments TDA2SA Datasheet HTML 205Page - Texas Instruments TDA2SA Datasheet HTML 206Page - Texas Instruments TDA2SA Datasheet HTML 207Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
203
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Table 7-7. Manual Functions Mapping for VIP1 (continued)
BALL BALL NAME
VIP1_MANUAL1
VIP1_MANUAL2
CFG REGISTER
MUXMODE
A_DELAY
(ps)
G_DELAY
(ps)
A_DELAY
(ps)
G_DELAY
(ps)
0
1
2
3
4
B3
vin2a_d20
1307
586
1772
299
CFG_VIN2A_D20_IN
vin2a_d20
-
vin2b_d3
-
-
B4
vin2a_d21
1301
640
1787
282
CFG_VIN2A_D21_IN
vin2a_d21
-
vin2b_d2
-
-
B5
vin2a_d22
1316
534
1789
223
CFG_VIN2A_D22_IN
vin2a_d22
-
vin2b_d1
-
-
A4
vin2a_d23
1311
613
1788
286
CFG_VIN2A_D23_IN
vin2a_d23
-
vin2b_d0
-
-
E2
vin2a_d3
1765
720
2142
492
CFG_VIN2A_D3_IN
vin2a_d3
-
-
-
-
D2
vin2a_d4
1680
282
2071
0
CFG_VIN2A_D4_IN
vin2a_d4
-
-
-
-
F4
vin2a_d5
1791
696
2155
461
CFG_VIN2A_D5_IN
vin2a_d5
-
-
-
-
C1
vin2a_d6
1538
175
1849
0
CFG_VIN2A_D6_IN
vin2a_d6
-
-
-
-
E4
vin2a_d7
1546
451
1977
192
CFG_VIN2A_D7_IN
vin2a_d7
-
-
-
-
F5
vin2a_d8
1522
650
1966
391
CFG_VIN2A_D8_IN
vin2a_d8
-
-
-
-
E6
vin2a_d9
1546
578
1996
270
CFG_VIN2A_D9_IN
vin2a_d9
-
-
-
-
G2
vin2a_de0
1548
623
2036
213
CFG_VIN2A_DE0_IN
vin2a_de0
vin2a_fld0
vin2b_fld1
vin2b_de1
-
H7
vin2a_fld0
1771
815
2162
566
CFG_VIN2A_FLD0_IN
vin2a_fld0
-
vin2b_clk1
-
-
G1
vin2a_hsync0
1703
587
2071
225
CFG_VIN2A_HSYNC0_IN
vin2a_hsync0
-
-
vin2b_hsync1
-
G6
vin2a_vsync0
1486
464
1895
53
CFG_VIN2A_VSYNC0_IN
vin2a_vsync0
-
-
vin2b_vsync1
-
Manual IO Timings Modes must be used to ensure some IO timings for VIP1. See Table 7-2 Modes Summary for a list of IO timings requiring the
use of Manual IO Timings Modes. See Table 7-8 Manual Functions Mapping for VIP1 2B for a definition of the Manual modes.
Table 7-8 lists the A_DELAY and G_DELAY values needed to calculate the correct values to be set in the CFG_x registers.
Table 7-8. Manual Functions Mapping for VIP1 2B
BALL
BALL NAME
VIP1_2B_MANUAL1
VIP1_2B_MANUAL2
CFG REGISTER
MUXMODE
A_DELAY (ps)
G_DELAY (ps)
A_DELAY (ps)
G_DELAY (ps)
2
3
4
AC5
gpio6_10
1830
911
2136
593
CFG_GPIO6_10_IN
-
-
vin2b_hsync1
AB4
gpio6_11
1797
1159
2088
926
CFG_GPIO6_11_IN
-
-
vin2b_vsync1
AD4
mmc3_clk
(1)
(1)
(1)
(1)
CFG_MMC3_CLK_IN
-
-
vin2b_d7
AC4
mmc3_cmd
1769
980
2092
650
CFG_MMC3_CMD_IN
-
-
vin2b_d6
AC7
mmc3_dat0
1678
984
2027
691
CFG_MMC3_DAT0_IN
-
-
vin2b_d5
AC6
mmc3_dat1
1664
883
2031
491
CFG_MMC3_DAT1_IN
-
-
vin2b_d4
AC9
mmc3_dat2
1672
439
2065
0
CFG_MMC3_DAT2_IN
-
-
vin2b_d3
AC3
mmc3_dat3
1762
1078
2089
799
CFG_MMC3_DAT3_IN
-
-
vin2b_d2
AC8
mmc3_dat4
1766
583
2125
135
CFG_MMC3_DAT4_IN
-
-
vin2b_d1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com