Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 207 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 207 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 203Page - Texas Instruments TDA2SA Datasheet HTML 204Page - Texas Instruments TDA2SA Datasheet HTML 205Page - Texas Instruments TDA2SA Datasheet HTML 206Page - Texas Instruments TDA2SA Datasheet HTML 207Page - Texas Instruments TDA2SA Datasheet HTML 208Page - Texas Instruments TDA2SA Datasheet HTML 209Page - Texas Instruments TDA2SA Datasheet HTML 210Page - Texas Instruments TDA2SA Datasheet HTML 211Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
207
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Table 7-9. Manual Functions Mapping for VIP2 (continued)
BALL
BALL NAME
VIP2_MANUAL 1
VIP2_MANUAL2
CFG REGISTER
MUXMODE
A_DELAY
(ps)
G_DELAY
(ps)
A_DELAY
(ps)
G_DELAY
(ps)
2
3
4
5
6
B7
vout1_d16
1996
632
2338
536
CFG_VOUT1_D16_IN
-
vin4a_d0
vin3a_d0
-
-
B8
vout1_d17
2190
790
2442
775
CFG_VOUT1_D17_IN
-
vin4a_d1
vin3a_d1
-
-
A7
vout1_d18
2100
604
2385
565
CFG_VOUT1_D18_IN
-
vin4a_d2
vin3a_d2
-
-
A8
vout1_d19
2108
286
2424
168
CFG_VOUT1_D19_IN
-
vin4a_d3
vin3a_d3
-
-
F10
vout1_d2
1979
1020
2335
909
CFG_VOUT1_D2_IN
-
vin4a_d18
vin3a_d18
-
-
C9
vout1_d20
2031
967
2362
881
CFG_VOUT1_D20_IN
-
vin4a_d4
vin3a_d4
-
-
A9
vout1_d21
2039
450
2350
384
CFG_VOUT1_D21_IN
-
vin4a_d5
vin3a_d5
-
-
B9
vout1_d22
2037
583
2369
497
CFG_VOUT1_D22_IN
-
vin4a_d6
vin3a_d6
-
-
A10
vout1_d23
1768
740
2246
508
CFG_VOUT1_D23_IN
-
vin4a_d7
vin3a_d7
-
-
G11
vout1_d3
2099
881
2382
844
CFG_VOUT1_D3_IN
-
vin4a_d19
vin3a_d19
-
-
E9
vout1_d4
2120
786
2387
756
CFG_VOUT1_D4_IN
-
vin4a_d20
vin3a_d20
-
-
F9
vout1_d5
1965
857
2299
769
CFG_VOUT1_D5_IN
-
vin4a_d21
vin3a_d21
-
-
F8
vout1_d6
2139
680
2366
699
CFG_VOUT1_D6_IN
-
vin4a_d22
vin3a_d22
-
-
E7
vout1_d7
2122
912
2360
920
CFG_VOUT1_D7_IN
-
vin4a_d23
vin3a_d23
-
-
E8
vout1_d8
2073
906
2372
853
CFG_VOUT1_D8_IN
-
vin4a_d8
vin3a_d8
-
-
D9
vout1_d9
2097
934
2386
879
CFG_VOUT1_D9_IN
-
vin4a_d9
vin3a_d9
-
-
B10
vout1_de
2021
527
2366
428
CFG_VOUT1_DE_IN
-
vin4a_de0
vin3a_de0
-
-
B11
vout1_fld
0
0
0
0
CFG_VOUT1_FLD_IN
-
vin4a_clk0
vin3a_clk0
-
-
C11
vout1_hsync
1775
486
2272
164
CFG_VOUT1_HSYNC_IN
-
vin4a_hsync
0
vin3a_hsync
0
-
-
E11
vout1_vsync
1917
314
2301
0
CFG_VOUT1_VSYNC_IN
-
vin4a_vsync0 vin3a_vsync0
-
-
Manual IO Timings Modes must be used to ensure some IO timings for VIP2. See Table 7-2 Modes Summary for a list of IO timings requiring the
use of Manual IO Timings Modes. See Table 7-10 Manual Functions Mapping for VIP2 4A for a definition of the Manual modes.
Table 7-10 lists the A_DELAY and G_DELAY values needed to calculate the correct values to be set in the CFG_x registers.
Table 7-10. Manual Functions Mapping for VIP2 4A
BALL
BALL NAME
VIP2_4A_MANUAL1
VIP2_4A_MANUAL2
CFG REGISTER
MUXMODE
A_DELAY (ps) G_DELAY (ps) A_DELAY (ps) G_DELAY (ps)
3
4
5
R6
gpmc_a0
1801
521
2268
0
CFG_GPMC_A0_IN
-
vin4a_d0
-
T9
gpmc_a1
1668
488
2135
0
CFG_GPMC_A1_IN
-
vin4a_d1
-
P9
gpmc_a11
1694
308
2026
0
CFG_GPMC_A11_IN
-
vin4a_fld0
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com