Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 211 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 211 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 207Page - Texas Instruments TDA2SA Datasheet HTML 208Page - Texas Instruments TDA2SA Datasheet HTML 209Page - Texas Instruments TDA2SA Datasheet HTML 210Page - Texas Instruments TDA2SA Datasheet HTML 211Page - Texas Instruments TDA2SA Datasheet HTML 212Page - Texas Instruments TDA2SA Datasheet HTML 213Page - Texas Instruments TDA2SA Datasheet HTML 214Page - Texas Instruments TDA2SA Datasheet HTML 215Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
211
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Table 7-12. Manual Functions Mapping for VIP2 4B (continued)
BALL
BALL NAME
VIP2_4B_MANUAL1
VIP2_4B_MANUAL2
CFG REGISTER
MUXMODE
A_DELAY (ps)
G_DELAY (ps)
A_DELAY (ps)
G_DELAY (ps)
5
6
T9
gpmc_a1
1652
891
1955
583
CFG_GPMC_A1_IN
-
vin4b_d1
N9
gpmc_a10
0
0
0
0
CFG_GPMC_A10_IN
-
vin4b_clk1
P9
gpmc_a11
1783
1178
1975
1021
CFG_GPMC_A11_IN
-
vin4b_de1
P4
gpmc_a12
1903
853
2076
664
CFG_GPMC_A12_IN
-
vin4b_fld1
T6
gpmc_a2
1888
1212
2065
994
CFG_GPMC_A2_IN
-
vin4b_d2
T7
gpmc_a3
1839
1274
2025
1075
CFG_GPMC_A3_IN
-
vin4b_d3
P6
gpmc_a4
1868
1113
2058
869
CFG_GPMC_A4_IN
-
vin4b_d4
R9
gpmc_a5
1757
1079
2028
802
CFG_GPMC_A5_IN
-
vin4b_d5
R5
gpmc_a6
1800
670
2032
421
CFG_GPMC_A6_IN
-
vin4b_d6
P5
gpmc_a7
1967
898
2179
597
CFG_GPMC_A7_IN
-
vin4b_d7
N7
gpmc_a8
1731
959
1993
559
CFG_GPMC_A8_IN
-
vin4b_hsync1
R4
gpmc_a9
1766
1150
2022
834
CFG_GPMC_A9_IN
-
vin4b_vsync1
U4
mdio_d
1602
506
1931
283
CFG_MDIO_D_IN
vin4b_d0
-
V1
mdio_mclk
0
0
0
0
CFG_MDIO_MCLK_IN
vin4b_clk1
-
U5
rgmii0_rxc
1678
887
1987
663
CFG_RGMII0_RXC_IN
vin4b_d5
-
V5
rgmii0_rxctl
1595
932
1903
748
CFG_RGMII0_RXCTL_IN
vin4b_d6
-
W2
rgmii0_rxd0
1707
464
2010
160
CFG_RGMII0_RXD0_IN
vin4b_fld1
-
V4
rgmii0_rxd3
1662
1146
1943
996
CFG_RGMII0_RXD3_IN
vin4b_d7
-
W9
rgmii0_txc
1639
1195
1970
1006
CFG_RGMII0_TXC_IN
vin4b_d3
-
V9
rgmii0_txctl
1695
1226
1952
1113
CFG_RGMII0_TXCTL_IN
vin4b_d4
-
V6
rgmii0_txd1
1693
1118
1951
1003
CFG_RGMII0_TXD1_IN
vin4b_vsync1
-
U7
rgmii0_txd2
1522
1004
1895
685
CFG_RGMII0_TXD2_IN
vin4b_hsync1
-
V7
rgmii0_txd3
1777
957
2018
787
CFG_RGMII0_TXD3_IN
vin4b_de1
-
V2
uart3_rxd
1537
236
1762
0
CFG_UART3_RXD_IN
vin4b_d1
-
Y1
uart3_txd
1575
645
1933
276
CFG_UART3_TXD_IN
vin4b_d2
-
Manual IO Timings Modes must be used to ensure some IO timings for VIP2. See Table 7-2 Modes Summary for a list of IO timings requiring the
use of Manual IO Timings Modes. See Table 7-13 Manual Functions Mapping for VIP2 3B IOSET2 for a definition of the Manual modes.
Table 7-13 lists the A_DELAY and G_DELAY values needed to calculate the correct values to be set in the CFG_x registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com