Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 208 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 208 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 204Page - Texas Instruments TDA2SA Datasheet HTML 205Page - Texas Instruments TDA2SA Datasheet HTML 206Page - Texas Instruments TDA2SA Datasheet HTML 207Page - Texas Instruments TDA2SA Datasheet HTML 208Page - Texas Instruments TDA2SA Datasheet HTML 209Page - Texas Instruments TDA2SA Datasheet HTML 210Page - Texas Instruments TDA2SA Datasheet HTML 211Page - Texas Instruments TDA2SA Datasheet HTML 212Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
208
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Table 7-10. Manual Functions Mapping for VIP2 4A (continued)
BALL
BALL NAME
VIP2_4A_MANUAL1
VIP2_4A_MANUAL2
CFG REGISTER
MUXMODE
A_DELAY (ps) G_DELAY (ps) A_DELAY (ps) G_DELAY (ps)
3
4
5
P4
gpmc_a12
0
0
0
0
CFG_GPMC_A12_IN
-
vin4a_clk0
-
R3
gpmc_a13
1529
570
2029
38
CFG_GPMC_A13_IN
-
vin4a_hsync0
-
T2
gpmc_a14
1747
753
2266
261
CFG_GPMC_A14_IN
-
vin4a_vsync0
-
U2
gpmc_a15
1536
336
1882
0
CFG_GPMC_A15_IN
-
vin4a_d8
-
U1
gpmc_a16
1662
293
1936
0
CFG_GPMC_A16_IN
-
vin4a_d9
-
P3
gpmc_a17
1637
247
1851
0
CFG_GPMC_A17_IN
-
vin4a_d10
-
R2
gpmc_a18
1454
0
1369
0
CFG_GPMC_A18_IN
-
vin4a_d11
-
K7
gpmc_a19
1577
205
1634
0
CFG_GPMC_A19_IN
-
vin4a_d12
-
T6
gpmc_a2
1891
747
2369
238
CFG_GPMC_A2_IN
-
vin4a_d2
-
M7
gpmc_a20
1398
220
1450
0
CFG_GPMC_A20_IN
-
vin4a_d13
-
J5
gpmc_a21
1521
329
1691
0
CFG_GPMC_A21_IN
-
vin4a_d14
-
K6
gpmc_a22
1383
273
1488
0
CFG_GPMC_A22_IN
-
vin4a_d15
-
J7
gpmc_a23
1163
0
1147
0
CFG_GPMC_A23_IN
-
vin4a_fld0
-
T7
gpmc_a3
1820
786
2325
271
CFG_GPMC_A3_IN
-
vin4a_d3
-
P6
gpmc_a4
1865
662
2359
126
CFG_GPMC_A4_IN
-
vin4a_d4
-
R9
gpmc_a5
1722
629
2260
53
CFG_GPMC_A5_IN
-
vin4a_d5
-
R5
gpmc_a6
1755
279
1990
0
CFG_GPMC_A6_IN
-
vin4a_d6
-
P5
gpmc_a7
1979
506
2410
0
CFG_GPMC_A7_IN
-
vin4a_d7
-
N1
gpmc_advn_ale
1793
267
2045
0
CFG_GPMC_ADVN_ALE_IN
-
vin4a_vsync0
-
P7
gpmc_clk
1738
309
2040
0
CFG_GPMC_CLK_IN
-
vin4a_hsync0
vin4a_de0
H6
gpmc_cs1
1379
95
1361
0
CFG_GPMC_CS1_IN
-
vin4a_de0
-
D11
vout1_clk
2090
401
2409
357
CFG_VOUT1_CLK_IN
vin4a_fld0
-
-
F11
vout1_d0
2139
961
2394
981
CFG_VOUT1_D0_IN
vin4a_d16
-
-
G10
vout1_d1
1993
878
2347
799
CFG_VOUT1_D1_IN
vin4a_d17
-
-
D7
vout1_d10
1976
678
2346
583
CFG_VOUT1_D10_IN
vin4a_d10
-
-
D8
vout1_d11
2135
749
2393
767
CFG_VOUT1_D11_IN
vin4a_d11
-
-
A5
vout1_d12
2014
696
2351
634
CFG_VOUT1_D12_IN
vin4a_d12
-
-
C6
vout1_d13
2035
590
2370
531
CFG_VOUT1_D13_IN
vin4a_d13
-
-
C8
vout1_d14
2108
861
2385
860
CFG_VOUT1_D14_IN
vin4a_d14
-
-
C7
vout1_d15
2074
682
2423
609
CFG_VOUT1_D15_IN
vin4a_d15
-
-
B7
vout1_d16
1976
579
2331
500
CFG_VOUT1_D16_IN
vin4a_d0
-
-
B8
vout1_d17
2203
505
2464
509
CFG_VOUT1_D17_IN
vin4a_d1
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com