Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 213 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 213 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 209Page - Texas Instruments TDA2SA Datasheet HTML 210Page - Texas Instruments TDA2SA Datasheet HTML 211Page - Texas Instruments TDA2SA Datasheet HTML 212Page - Texas Instruments TDA2SA Datasheet HTML 213Page - Texas Instruments TDA2SA Datasheet HTML 214Page - Texas Instruments TDA2SA Datasheet HTML 215Page - Texas Instruments TDA2SA Datasheet HTML 216Page - Texas Instruments TDA2SA Datasheet HTML 217Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 427 page
background image
213
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Manual IO Timings Modes must be used to ensure some IO timings for VIP3. See Table 7-2 Modes
Summary for a list of IO timings requiring the use of Manual IO Timings Modes. See Table 7-14 Manual
Functions Mapping for VIP3 for a definition of the Manual modes.
Table 7-14 lists the A_DELAY and G_DELAY values needed to calculate the correct values to be set in
the CFG_x registers.
Table 7-14. Manual Functions Mapping for VIP3
BALL
BALL NAME
VIP3_MANUAL1
VIP3_MANUAL2
CFG REGISTER
MUXMODE
A_DELAY
(ps)
G_DELAY
(ps)
A_DELAY
(ps)
G_DELAY
(ps)
7
9
AC5
gpio6_10
774
2462
765
2551
CFG_GPIO6_10_IN
-
vin5a_clk0
AB4
gpio6_11
2453
3000
2863
2719
CFG_GPIO6_11_IN
-
vin5a_de0
C14
mcasp1_aclkx
1400
154
1698
0
CFG_MCASP1_ACLKX_IN
vin6a_fld0
-
G12
mcasp1_axr0
2055
612
2459
381
CFG_MCASP1_AXR0_IN
vin6a_vsyn
c0
-
F12
mcasp1_axr1
1623
338
2098
0
CFG_MCASP1_AXR1_IN
vin6a_hsy
nc0
-
B13
mcasp1_axr10
1625
92
1681
0
CFG_MCASP1_AXR10_IN
vin6a_d13
-
A12
mcasp1_axr11
1509
714
2048
317
CFG_MCASP1_AXR11_IN
vin6a_d12
-
E14
mcasp1_axr12
1189
619
1729
222
CFG_MCASP1_AXR12_IN
vin6a_d11
-
A13
mcasp1_axr13
1546
265
1954
0
CFG_MCASP1_AXR13_IN
vin6a_d10
-
G14
mcasp1_axr14
1305
0
1448
0
CFG_MCASP1_AXR14_IN
vin6a_d9
-
F14
mcasp1_axr15
1342
313
1798
0
CFG_MCASP1_AXR15_IN
vin6a_d8
-
B12
mcasp1_axr8
1833
466
2264
0
CFG_MCASP1_AXR8_IN
vin6a_d15
-
A11
mcasp1_axr9
1555
777
2029
352
CFG_MCASP1_AXR9_IN
vin6a_d14
-
D14
mcasp1_fsx
1549
281
1972
0
CFG_MCASP1_FSX_IN
vin6a_de0
-
A19
mcasp2_aclkx
1063
0
1206
0
CFG_MCASP2_ACLKX_IN
vin6a_d7
-
C15
mcasp2_axr2
1134
0
1277
0
CFG_MCASP2_AXR2_IN
vin6a_d5
-
A16
mcasp2_axr3
1348
487
1888
90
CFG_MCASP2_AXR3_IN
vin6a_d4
-
A18
mcasp2_fsx
1030
250
1424
0
CFG_MCASP2_FSX_IN
vin6a_d6
-
B18
mcasp3_aclkx
0
0
0
0
CFG_MCASP3_ACLKX_IN
vin6a_d3
-
B19
mcasp3_axr0
888
485
1428
88
CFG_MCASP3_AXR0_IN
vin6a_d1
-
C17
mcasp3_axr1
861
582
1331
254
CFG_MCASP3_AXR1_IN
vin6a_d0
vin5a_fld0
F15
mcasp3_fsx
1093
451
1633
54
CFG_MCASP3_FSX_IN
vin6a_d2
-
C18
mcasp4_aclkx
557
0
541
0
CFG_MCASP4_ACLKX_IN
-
vin5a_d15
G16
mcasp4_axr0
1027
989
1441
644
CFG_MCASP4_AXR0_IN
-
vin5a_d13
D17
mcasp4_axr1
1140
1038
1601
740
CFG_MCASP4_AXR1_IN
-
vin5a_d12
A21
mcasp4_fsx
1140
885
700
1377
CFG_MCASP4_FSX_IN
-
vin5a_d14
AA3
mcasp5_aclkx
1633
3030
1658
2999
CFG_MCASP5_ACLKX_IN
-
vin5a_d11
AB3
mcasp5_axr0
2392
3028
2816
2711
CFG_MCASP5_AXR0_IN
-
vin5a_d9
AA4
mcasp5_axr1
2435
3026
2856
2723
CFG_MCASP5_AXR1_IN
-
vin5a_d8
AB9
mcasp5_fsx
2285
2660
2713
2288
CFG_MCASP5_FSX_IN
-
vin5a_d10
AD4
mmc3_clk
2501
2822
2915
2475
CFG_MMC3_CLK_IN
-
vin5a_d7
AC4
mmc3_cmd
2423
2826
2832
2485
CFG_MMC3_CMD_IN
-
vin5a_d6
AC7
mmc3_dat0
2336
2820
2743
2526
CFG_MMC3_DAT0_IN
-
vin5a_d5
AC6
mmc3_dat1
2332
2710
2749
2346
CFG_MMC3_DAT1_IN
-
vin5a_d4
AC9
mmc3_dat2
1732
3048
1811
3012
CFG_MMC3_DAT2_IN
-
vin5a_d3
AC3
mmc3_dat3
2459
2969
2872
2683
CFG_MMC3_DAT3_IN
-
vin5a_d2
AC8
mmc3_dat4
2436
2662
2836
2271
CFG_MMC3_DAT4_IN
-
vin5a_d1
AD6
mmc3_dat5
2450
2431
1771
3271
CFG_MMC3_DAT5_IN
-
vin5a_d0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com