Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 201 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 201 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 197Page - Texas Instruments TDA2SA Datasheet HTML 198Page - Texas Instruments TDA2SA Datasheet HTML 199Page - Texas Instruments TDA2SA Datasheet HTML 200Page - Texas Instruments TDA2SA Datasheet HTML 201Page - Texas Instruments TDA2SA Datasheet HTML 202Page - Texas Instruments TDA2SA Datasheet HTML 203Page - Texas Instruments TDA2SA Datasheet HTML 204Page - Texas Instruments TDA2SA Datasheet HTML 205Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
201
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Table 7-7. Manual Functions Mapping for VIP1
BALL BALL NAME
VIP1_MANUAL1
VIP1_MANUAL2
CFG REGISTER
MUXMODE
A_DELAY
(ps)
G_DELAY
(ps)
A_DELAY
(ps)
G_DELAY
(ps)
0
1
2
3
4
U3
RMII_MHZ_5
0_CLK
1621
614
2018
279
CFG_RMII_MHZ_50_CLK
_IN
-
-
-
-
vin2a_d11
N6
gpmc_ben0
1756
1019
2235
494
CFG_GPMC_BEN0_IN
-
-
-
vin1b_hsync1
-
M4
gpmc_ben1
1684
1107
2198
568
CFG_GPMC_BEN1_IN
-
-
-
vin1b_de1
-
U4
mdio_d
1594
417
2007
36
CFG_MDIO_D_IN
-
-
-
-
vin2a_d0
V1
mdio_mclk
0
0
0
0
CFG_MDIO_MCLK_IN
-
-
-
-
vin2a_clk0
U5
rgmii0_rxc
1005
935
1932
0
CFG_RGMII0_RXC_IN
-
-
-
-
vin2a_d5
V5
rgmii0_rxctl
1579
836
1982
485
CFG_RGMII0_RXCTL_IN
-
-
-
-
vin2a_d6
W2
rgmii0_rxd0
1032
1033
1995
0
CFG_RGMII0_RXD0_IN
-
-
-
-
vin2a_fld0
Y2
rgmii0_rxd1
950
1625
1993
673
CFG_RGMII0_RXD1_IN
-
-
-
-
vin2a_d9
V3
rgmii0_rxd2
1578
832
1973
535
CFG_RGMII0_RXD2_IN
-
-
-
-
vin2a_d8
V4
rgmii0_rxd3
1022
1648
2017
740
CFG_RGMII0_RXD3_IN
-
-
-
-
vin2a_d7
W9
rgmii0_txc
1604
769
2020
393
CFG_RGMII0_TXC_IN
-
-
-
-
vin2a_d3
V9
rgmii0_txctl
1060
1389
2074
396
CFG_RGMII0_TXCTL_IN
-
-
-
-
vin2a_d4
U6
rgmii0_txd0
938
1242
2021
194
CFG_RGMII0_TXD0_IN
-
-
-
-
vin2a_d10
V6
rgmii0_txd1
1013
1679
2036
730
CFG_RGMII0_TXD1_IN
-
-
-
-
vin2a_vsync0
U7
rgmii0_txd2
1524
886
1933
526
CFG_RGMII0_TXD2_IN
-
-
-
-
vin2a_hsync0
V7
rgmii0_txd3
1079
1504
2090
490
CFG_RGMII0_TXD3_IN
-
-
-
-
vin2a_de0
V2
uart3_rxd
1530
125
1586
0
CFG_UART3_RXD_IN
-
-
-
-
vin2a_d1
Y1
uart3_txd
1572
487
1980
16
CFG_UART3_TXD_IN
-
-
-
-
vin2a_d2
AG8
vin1a_clk0
0
0
0
0
CFG_VIN1A_CLK0_IN
vin1a_clk0
-
-
-
-
AE8
vin1a_d0
1697
1087
2105
619
CFG_VIN1A_D0_IN
vin1a_d0
-
-
-
-
AD8
vin1a_d1
1589
1164
2017
757
CFG_VIN1A_D1_IN
vin1a_d1
-
-
-
-
AG3
vin1a_d10
1733
1119
2107
739
CFG_VIN1A_D10_IN
vin1a_d10
vin1b_d5
-
-
-
AG5
vin1a_d11
1563
1210
2005
788
CFG_VIN1A_D11_IN
vin1a_d11
vin1b_d4
-
-
-
AF2
vin1a_d12
1705
1647
2059
1297
CFG_VIN1A_D12_IN
vin1a_d12
vin1b_d3
-
-
-
AF6
vin1a_d13
1624
1525
2027
1141
CFG_VIN1A_D13_IN
vin1a_d13
vin1b_d2
-
-
-
AF3
vin1a_d14
1730
1655
2071
1332
CFG_VIN1A_D14_IN
vin1a_d14
vin1b_d1
-
-
-
AF4
vin1a_d15
1681
2004
1995
1764
CFG_VIN1A_D15_IN
vin1a_d15
vin1b_d0
-
-
-
AF1
vin1a_d16
1659
1813
1999
1542
CFG_VIN1A_D16_IN
vin1a_d16
vin1b_d7
-
-
-
AE3
vin1a_d17
1715
1887
2072
1540
CFG_VIN1A_D17_IN
vin1a_d17
vin1b_d6
-
-
-
AE5
vin1a_d18
1728
1898
2034
1629
CFG_VIN1A_D18_IN
vin1a_d18
vin1b_d5
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com