Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 197 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 197 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 193Page - Texas Instruments TDA2SA Datasheet HTML 194Page - Texas Instruments TDA2SA Datasheet HTML 195Page - Texas Instruments TDA2SA Datasheet HTML 196Page - Texas Instruments TDA2SA Datasheet HTML 197Page - Texas Instruments TDA2SA Datasheet HTML 198Page - Texas Instruments TDA2SA Datasheet HTML 199Page - Texas Instruments TDA2SA Datasheet HTML 200Page - Texas Instruments TDA2SA Datasheet HTML 201Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 427 page
background image
vinx_clki
(positive-edge clocking)
V4
vinx_d[23:0]/sig
V5
vinx_clki
(negative-edge clocking)
SPRS8xx_VIP_02
197
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 7-5. Video Input Ports timings
In Table 7-4, Table 7-5 and Table 7-6 are presented the specific groupings of signals (IOSET) for use with
vin2, vin3, and vin4.
Table 7-4. VIN2 IOSETs
Signals
IOSET1
IOSET2
IOSET3
BALL
MUX
BALL
MUX
BALL
MUX
vin2a
vin2a_d0
F2
0
F2
0
U4
4
vin2a_d1
F3
0
F3
0
V2
4
vin2a_d2
D1
0
D1
0
Y1
4
vin2a_d3
E2
0
E2
0
W9
4
vin2a_d4
D2
0
D2
0
V9
4
vin2a_d5
F4
0
F4
0
U5
4
vin2a_d6
C1
0
C1
0
V5
4
vin2a_d7
E4
0
E4
0
V4
4
vin2a_d8
F5
0
F5
0
V3
4
vin2a_d9
E6
0
E6
0
Y2
4
vin2a_d10
D3
0
D3
0
U6
4
vin2a_d11
F6
0
F6
0
U3
4
vin2a_d12
D5
0
D5
0
-
-
vin2a_d13
C2
0
C2
0
-
-
vin2a_d14
C3
0
C3
0
-
-
vin2a_d15
C4
0
C4
0
-
-
vin2a_d16
B2
0
B2
0
-
-
vin2a_d17
D6
0
D6
0
-
-
vin2a_d18
C5
0
C5
0
-
-
vin2a_d19
A3
0
A3
0
-
-
vin2a_d20
B3
0
B3
0
-
-
vin2a_d21
B4
0
B4
0
-
-
vin2a_d22
B5
0
B5
0
-
-
vin2a_d23
A4
0
A4
0
-
-
vin2a_hsync0
G1
0
G1
0
U7
4
vin2a_vsync0
G6
0
G6
0
V6
4
vin2a_de0
G2
0
-
-
V7
4
vin2a_fld0
H7
0
G2
1
W2
4
vin2a_clk0
E1
0
E1
0
V1
4
vin2b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com