Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 259 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 259 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 255Page - Texas Instruments TDA2SA Datasheet HTML 256Page - Texas Instruments TDA2SA Datasheet HTML 257Page - Texas Instruments TDA2SA Datasheet HTML 258Page - Texas Instruments TDA2SA Datasheet HTML 259Page - Texas Instruments TDA2SA Datasheet HTML 260Page - Texas Instruments TDA2SA Datasheet HTML 261Page - Texas Instruments TDA2SA Datasheet HTML 262Page - Texas Instruments TDA2SA Datasheet HTML 263Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 427 page
background image
259
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Table 7-41. McSPI3/4 IOSETs (continued)
Signal
IOSET1
IOSET2
IOSET3
IOSET4
IOSET5
IOSET6
BALL
MUX
BALL
MUX
BALL
MUX
BALL
MUX
BALL
MUX
BALL
MUX
spi4_d1
R4
8
G6
8
U7
7
AB9
2
AD6
1
-
-
spi4_d0
N9
8
F2
8
V6
7
AB3
2
AB8
1
-
-
spi4_cs0
P9
8
F3
8
U6
7
AA4
2
AB5
1
-
-
spi4_cs1
P4
8
P4
8
Y1
8
Y1
8
Y1
8
-
-
spi4_cs2
R3
8
R3
8
W9
8
W9
8
W9
8
-
-
spi4_cs3
T2
8
T2
8
V9
8
V9
8
V9
8
-
-
7.15 Quad Serial Peripheral Interface (QSPI)
The Quad SPI (QSPI) module is a type of SPI module that allows single, dual or quad read access to
external SPI devices. This module has a memory mapped register interface, which provides a direct
interface for accessing data from external SPI devices and thus simplifying software requirements. It
works as a master only. There is one QSPI module in the device and it is primary intended for fast
booting from quad-SPI flash memories.
General SPI features:
•
Programmable clock divider
•
Six pin interface (DCLK, CS_N, DOUT, DIN, QDIN1, QDIN2)
•
4 external chip select signals
•
Support for 3-, 4- or 6-pin SPI interface
•
Programmable CS_N to DOUT delay from 0 to 3 DCLKs
•
Programmable signal polarities
•
Programmable active clock edge
•
Software controllable interface allowing for any type of SPI transfer
NOTE
For more information, see the Quad Serial Peripheral Interface section of the Device TRM.
CAUTION
The IO Timings provided in this section are only valid for some QSPI usage
modes when the corresponding Virtual IO Timings or Manual IO Timings are
configured as described in the tables found in this section.
CAUTION
The IO Timings provided in this section are only valid when all QSPI Chip
Selects used in a system are configured to use the same Clock Mode (either
Clock Mode 0 or Clock Mode3).
Table 7-42 and Table 7-43 present Timing and Switching Characteristics for Quad SPI Interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com