Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 256 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 256 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 252Page - Texas Instruments TDA2SA Datasheet HTML 253Page - Texas Instruments TDA2SA Datasheet HTML 254Page - Texas Instruments TDA2SA Datasheet HTML 255Page - Texas Instruments TDA2SA Datasheet HTML 256Page - Texas Instruments TDA2SA Datasheet HTML 257Page - Texas Instruments TDA2SA Datasheet HTML 258Page - Texas Instruments TDA2SA Datasheet HTML 259Page - Texas Instruments TDA2SA Datasheet HTML 260Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 427 page
background image
spim_cs(OUT)
spi _sclk
m
(OUT)
spi _sclk
m
(OUT)
spi _
m d(IN)
spim_cs(OUT)
spi _sclk
m
(OUT)
spi _sclk
m
(OUT)
spi _
m d(IN)
Bit n-1
Bit n-2
Bit n-3
Bit n-4
Bit 0
Bit n-1
Bit n-2
Bit n-3
Bit 1
Bit 0
PHA=0
EPOL=1
PHA=1
EPOL=1
POL=0
POL=1
POL=0
POL=1
SM8
SM9
SM3
SM1
SM2
SM1
SM8
SM9
SM3
SM1
SM2
SM1
SM2
SM3
SM2
SM3
SM4
SM5
SM4
SM5
SM4
SM4
SM5
SM5
SPRS906_TIMING_McSPI_02
256
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 7-27. McSPI - Master Mode Receive
Table 7-40, Figure 7-28 and Figure 7-29 present Timing Requirements for McSPI - Slave Mode.
Table 7-40. Timing Requirements for SPI - Slave Mode
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
SS1
tc(SPICLK)
Cycle time, spi_sclk (1) (2)
(3)
62.5
ns
SS2
tw(SPICLKL)
Typical Pulse duration, spi_sclk low (1)
0.45*P (4)
ns
SS3
tw(SPICLKH)
Typical Pulse duration, spi_sclk high (1)
0.45*P (4)
ns
SS4
tsu(SIMO-SPICLK)
Setup time, spi_d[x] valid before spi_sclk active edge (1)
5
ns
SS5
th(SPICLK-SIMO)
Hold time, spi_d[x] valid after spi_sclk active edge (1)
5
ns
SS6
td(SPICLK-SOMI)
Delay time, spi_sclk active edge to mcspi_somi transition (1)
SPI1/2/3
2
26.1
ns
SPI4
2
18
ns
SS7
td(CS-SOMI)
Delay time, spi_cs[x] active edge to mcspi_somi transition (1)
20.95
ns
SS8
tsu(CS-SPICLK)
Setup time, spi_cs[x] valid before spi_sclk first edge (1)
5
ns
SS9
th(SPICLK-CS)
Hold time, spi_cs[x] valid after spi_sclk last edge (1)
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com