Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 254 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 254 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 250Page - Texas Instruments TDA2SA Datasheet HTML 251Page - Texas Instruments TDA2SA Datasheet HTML 252Page - Texas Instruments TDA2SA Datasheet HTML 253Page - Texas Instruments TDA2SA Datasheet HTML 254Page - Texas Instruments TDA2SA Datasheet HTML 255Page - Texas Instruments TDA2SA Datasheet HTML 256Page - Texas Instruments TDA2SA Datasheet HTML 257Page - Texas Instruments TDA2SA Datasheet HTML 258Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 427 page
background image
254
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Table 7-39, Figure 7-26 and Figure 7-27 present Timing Requirements for McSPI - Master Mode.
Table 7-39. Timing Requirements for SPI - Master Mode (1)(8)
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
SM1
tc(SPICLK)
Cycle time, spi_sclk (1) (2)
SPI1/2/3/4
20.8 (3)
ns
SM2
tw(SPICLKL)
Typical Pulse duration, spi_sclk low (1)
0.5*P-1
(4)
ns
SM3
tw(SPICLKH)
Typical Pulse duration, spi_sclk high (1)
0.5*P-1
(4)
ns
SM4
tsu(MISO-SPICLK)
Setup time, spi_d[x] valid before spi_sclk active edge (1)
4.4
ns
SM5
th(SPICLK-MISO)
Hold time, spi_d[x] valid after spi_sclk active edge (1)
3.9
ns
SM6
td(SPICLK-SIMO)
Delay time, spi_sclk active edge to spi_d[x] transition (1)
SPI1
-4.27
4.27
ns
SPI2
-4.32
4.32
ns
SPI3
-5.37
4.23
ns
SPI4
-3.81
4..41
ns
SM7
td(CS-SIMO)
Delay time, spi_cs[x] active edge to spi_d[x] transition
5
ns
SM8
td(CS-SPICLK)
Delay time, spi_cs[x] active to spi_sclk first edge (1)
MASTER_PHA0
(5)
B-4.6 (6)
ns
MASTER_PHA1
(5)
A-4.6 (7)
ns
SM9
td(SPICLK-CS)
Delay time, spi_sclk last edge to spi_cs[x] inactive (1)
MASTER_PHA0
(5)
A-4.6 (7)
ns
MASTER_PHA1
(5)
B-4.6 (6)
ns
(1) This timing applies to all configurations regardless of SPI_CLK polarity and which clock edges are used to drive output data and capture
input data.
(2) Related to the SPI_CLK maximum frequency.
(3) 20.8ns cycle time = 48MHz, 26ns cycle time = 38.4MHz
(4) P = SPICLK period.
(5) SPI_CLK phase is programmable with the PHA bit of the SPI_CH(i)CONF register.
(6) B = (TCS + 0.5) * TSPICLKREF * Fratio, where TCS is a bit field of the SPI_CH(i)CONF register and Fratio = Even
≥2.
(7) When P = 20.8 ns, A = (TCS + 1) * TSPICLKREF, where TCS is a bit field of the SPI_CH(i)CONF register. When P > 20.8 ns, A = (TCS
+ 0.5) * Fratio * TSPICLKREF, where TCS is a bit field of the SPI_CH(i)CONF register.
(8) The IO timings provided in this section are applicable for all combinations of signals for SPI1 and SPI2. However, the timings are only
valid for SPI3 and SPI4 if signals within a single IOSET are used. The IOSETs are defined in the following tables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com