Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 280 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 280 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 276Page - Texas Instruments TDA2SA Datasheet HTML 277Page - Texas Instruments TDA2SA Datasheet HTML 278Page - Texas Instruments TDA2SA Datasheet HTML 279Page - Texas Instruments TDA2SA Datasheet HTML 280Page - Texas Instruments TDA2SA Datasheet HTML 281Page - Texas Instruments TDA2SA Datasheet HTML 282Page - Texas Instruments TDA2SA Datasheet HTML 283Page - Texas Instruments TDA2SA Datasheet HTML 284Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
280
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Table 7-59. Virtual Functions Mapping for McASP1
BALL
BALL NAME
Delay Mode Value
MUXMODE[15:0]
MCASP1_VIRTUAL1_AS
YNC_TX
MCASP1_VIRTUAL2_SY
NC_RX
MCASP1_VIRTUAL3_AS
YNC_RX
0
1
2
E21
gpio6_14
11
15
14
mcasp1_axr8
F20
gpio6_15
11
15
14
mcasp1_axr9
F21
gpio6_16
11
15
14
mcasp1_axr10
D18
xref_clk0
0
15
14
mcasp1_axr4
E17
xref_clk1
0
15
14
mcasp1_axr5
B26
xref_clk2
5
15
14
mcasp1_axr6
C23
xref_clk3
5
15
14
mcasp1_axr7
C14
mcasp1_aclkx
8
15
14
mcasp1_aclkx
D14
mcasp1_fsx
12
15
14
mcasp1_fsx
B14
mcasp1_aclkr
11
N/A
15
mcasp1_aclkr
J14
mcasp1_fsr
11
N/A
15
mcasp1_fsr
G12
mcasp1_axr0
8
15
14
mcasp1_axr0
F12
mcasp1_axr1
8
15
14
mcasp1_axr1
G13
mcasp1_axr2
10
15
14
mcasp1_axr2
J11
mcasp1_axr3
10
15
14
mcasp1_axr3
E12
mcasp1_axr4
10
15
14
mcasp1_axr4
F13
mcasp1_axr5
10
15
14
mcasp1_axr5
C12
mcasp1_axr6
10
15
14
mcasp1_axr6
D12
mcasp1_axr7
10
15
14
mcasp1_axr7
B12
mcasp1_axr8
6
15
14
mcasp1_axr8
A11
mcasp1_axr9
6
15
14
mcasp1_axr9
B13
mcasp1_axr10
6
15
14
mcasp1_axr10
A12
mcasp1_axr11
6
15
14
mcasp1_axr11
E14
mcasp1_axr12
6
15
14
mcasp1_axr12
A13
mcasp1_axr13
6
15
14
mcasp1_axr13
G14
mcasp1_axr14
6
15
14
mcasp1_axr14
F14
mcasp1_axr15
6
15
14
mcasp1_axr15
1. NA in this table stands for Not Applicable.
Virtual IO Timings Modes must be used to ensure some IO timings for McASP2. See Table 7-2 Modes Summary for a list of IO timings requiring
the use of Virtual IO Timings Modes. See Table 7-60 Virtual Functions Mapping for McASP2 for a definition of the Virtual modes.
Table 7-60 presents the values for DELAYMODE bitfield.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com