Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 281 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 281 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 277Page - Texas Instruments TDA2SA Datasheet HTML 278Page - Texas Instruments TDA2SA Datasheet HTML 279Page - Texas Instruments TDA2SA Datasheet HTML 280Page - Texas Instruments TDA2SA Datasheet HTML 281Page - Texas Instruments TDA2SA Datasheet HTML 282Page - Texas Instruments TDA2SA Datasheet HTML 283Page - Texas Instruments TDA2SA Datasheet HTML 284Page - Texas Instruments TDA2SA Datasheet HTML 285Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
281
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Table 7-60. Virtual Functions Mapping for McASP2
BALL
BALL NAME
Delay Mode Value
MUXMODE[15:0]
MCASP2_
VIRTUAL1_
ASYNC_RX_
80M
MCASP2_
VIRTUAL2_
ASYNC_RX
MCASP2_
VIRTUAL3_
ASYNC_TX
MCASP2_
VIRTUAL4_
SYNC_RX
MCASP2_
VIRTUAL5_
SYNC_RX_8
0M
0
1
2
D18
xref_clk0
10
9
4
8
6
mcasp2_axr8
E17
xref_clk1
10
9
4
8
6
mcasp2_axr9
B26
xref_clk2
13
12
0
11
10
mcasp2_axr10
C23
xref_clk3
13
12
0
11
10
mcasp2_axr11
A19
mcasp2_aclkx
15
14
5
10
9
mcasp2_aclkx
A18
mcasp2_fsx
15
14
5
10
9
mcasp2_fsx
E15
mcasp2_aclkr
15
14
10
N/A
N/A
mcasp2_aclkr
A20
mcasp2_fsr
15
14
10
N/A
N/A
mcasp2_fsr
B15
mcasp2_axr0
15
14
9
13
12
mcasp2_axr0
A15
mcasp2_axr1
15
14
9
13
12
mcasp2_axr1
C15
mcasp2_axr2
15
14
4
10
9
mcasp2_axr2
A16
mcasp2_axr3
15
14
4
10
9
mcasp2_axr3
D15
mcasp2_axr4
15
14
7
13
12
mcasp2_axr4
B16
mcasp2_axr5
15
14
7
13
12
mcasp2_axr5
B17
mcasp2_axr6
15
14
7
13
12
mcasp2_axr6
A17
mcasp2_axr7
15
14
7
13
12
mcasp2_axr7
B18
mcasp3_aclkx
15
14
5
10
9
mcasp2_axr12
F15
mcasp3_fsx
15
14
4
10
9
mcasp2_axr13
B19
mcasp3_axr0
15
14
4
10
9
mcasp2_axr14
C17
mcasp3_axr1
15
14
3
10
8
mcasp2_axr15
1. NA in this table stands for Not Applicable.
Virtual IO Timings Modes must be used to ensure some IO timings for McASP3/4/5/6/7/8. See Table 7-2 Modes Summary for a list of IO timings
requiring the use of Virtual IO Timings Modes. See Table 7-61 Virtual Functions Mapping for McASP3/4/5/6/7/8 for a definition of the Virtual
modes.
Table 7-61 presents the values for DELAYMODE bitfield.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com