Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 285 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 285 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 281Page - Texas Instruments TDA2SA Datasheet HTML 282Page - Texas Instruments TDA2SA Datasheet HTML 283Page - Texas Instruments TDA2SA Datasheet HTML 284Page - Texas Instruments TDA2SA Datasheet HTML 285Page - Texas Instruments TDA2SA Datasheet HTML 286Page - Texas Instruments TDA2SA Datasheet HTML 287Page - Texas Instruments TDA2SA Datasheet HTML 288Page - Texas Instruments TDA2SA Datasheet HTML 289Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 427 page
background image
usbk_ulpi_clk
usbk_ulpi_stp
usbk_ulpi_dir_&_nxt
usbk_ulpi_d[7:0]
Data_IN
Data_OUT
US1
US8
US7
US9
US9
US2
US3
US4
US4
US5
US6
285
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Table 7-62. Timing Requirements for ULPI SDR Slave Mode (continued)
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
US7
tsu(dV-clkH)
Setup time, usb_ulpi_d[7:0] valid before usb_ulpi_clk rising
edge
6.73
ns
US8
th(clkH-dV)
Hold time, usb_ulpi_d[7:0] valid after usb_ulpi_clk rising edge
-0.41
ns
Table 7-63. Switching Characteristics for ULPI SDR Slave Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
US4
td(clkH-stpV)
Delay time, usb_ulpi_clk rising edge high to output
usb_ulpi_stp valid
0.44
8.35
ns
US9
td(clkL-doV)
Delay time, usb_ulpi_clk rising edge high to output
usb_ulpi_d[7:0] valid
0.44
8.35
ns
Figure 7-44. HS USB3 and USB4 ULPI —SDR—Slave Mode—12-pin Mode
In Table 7-64 are presented the specific groupings of signals (IOSET) for use with USB3 and USB4
signals.
Table 7-64. USB3 and USB4 IOSETs
SIGNALS
IOSET1
IOSET2
BALL
MUX
BALL
MUX
USB3
usb3_ulpi_d0
AE1
2
AC3
3
usb3_ulpi_d1
AE5
2
AC9
3
usb3_ulpi_d2
AE3
2
AC6
3
usb3_ulpi_d3
AF1
2
AC7
3
usb3_ulpi_d4
AF4
2
AC4
3
usb3_ulpi_d5
AF3
2
AD4
3
usb3_ulpi_d6
AF6
2
AB4
3
usb3_ulpi_d7
AF2
2
AC5
3
usb3_ulpi_nxt
AE2
2
AC8
3
usb3_ulpi_dir
AE6
2
AD6
3
usb3_ulpi_stp
AD2
2
AB8
3
usb3_ulpi_clk
AD3
2
AB5
3
USB4
usb4_ulpi_d0
V6
6
usb4_ulpi_d1
U6
6
usb4_ulpi_d2
U5
6
usb4_ulpi_d3
V5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com