Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 286 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 286 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 282Page - Texas Instruments TDA2SA Datasheet HTML 283Page - Texas Instruments TDA2SA Datasheet HTML 284Page - Texas Instruments TDA2SA Datasheet HTML 285Page - Texas Instruments TDA2SA Datasheet HTML 286Page - Texas Instruments TDA2SA Datasheet HTML 287Page - Texas Instruments TDA2SA Datasheet HTML 288Page - Texas Instruments TDA2SA Datasheet HTML 289Page - Texas Instruments TDA2SA Datasheet HTML 290Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 427 page
background image
286
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Table 7-64. USB3 and USB4 IOSETs (continued)
SIGNALS
IOSET1
IOSET2
BALL
MUX
BALL
MUX
usb4_ulpi_d4
V4
6
usb4_ulpi_d5
V3
6
usb4_ulpi_d6
Y2
6
usb4_ulpi_d7
W2
6
usb4_ulpi_stp
V9
6
usb4_ulpi_clk
W9
6
usb4_ulpi_dir
V7
6
usb4_ulpi_nxt
U7
6
7.18 Serial Advanced Technology Attachment (SATA)
The SATA RX/TX PHY interface is compliant with the SATA standard v2.6 for a maximum data rate:
•
Gen2i, Gen2m, Gen2x: 3Gbps.
•
Gen1i, Gen1m, Gen1x: 1.5Gbps.
NOTE
For more information, see the SATA Controller section of the Device TRM.
7.19 Peripheral Component Interconnect Express (PCIe)
The device supports connections to PCIe-compliant devices via the integrated PCIe master/slave bus
interface. The PCIe module is comprised of a dual-mode PCIe core and a SerDes PHY. Each PCIe
subsystem controller has support for PCIe Gen-II mode (5.0 Gbps /lane) and Gen-I mode (2.5 Gbps/lane)
(Single Lane and Flexible dual lane configuration).
The device PCIe supports the following features:
•
16-bit operation @250 MHz on PIPE interface (per 16-bit lane)
•
Supports 1 ports x 1 lane configuration
•
Single virtual channel (VC0), single traffic class (TC0)
•
Single function in end-point mode
•
Automatic width and speed negotiation
•
Max payload: 128 byte outbound, 256 byte inbound
•
Automatic credit management
•
ECRC generation and checking
•
Configurable BAR filtering
•
Legacy interrupt reception (RC) and generation (EP)
•
MSI generation and reception
•
PCI Express Active State Power Management (ASPM) state L0s and L1 (with exceptions)
•
All PCI Device Power Management D-states with the exception of D3cold / L2 state
The PCIe controller on this device conforms to the PCI Express Base 3.0 Specification, revision 1.0 and
the PCI Local Bus Specification, revision 3.0.
NOTE
For more information, see the PCIe Controller section of the Device TRM.
7.20 Controller Area Network Interface (DCAN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com