Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 290 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 290 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 286Page - Texas Instruments TDA2SA Datasheet HTML 287Page - Texas Instruments TDA2SA Datasheet HTML 288Page - Texas Instruments TDA2SA Datasheet HTML 289Page - Texas Instruments TDA2SA Datasheet HTML 290Page - Texas Instruments TDA2SA Datasheet HTML 291Page - Texas Instruments TDA2SA Datasheet HTML 292Page - Texas Instruments TDA2SA Datasheet HTML 293Page - Texas Instruments TDA2SA Datasheet HTML 294Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 427 page
background image
1
mii _txclk
n
(input)
miin_txd3
miin_txen, miin_txer
−
,
(outputs)
miin_txd0
290
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 7-48. GMAC Transmit Interface Timing MIIn operation
In Table 7-71 are presented the specific groupings of signals (IOSET) for use with GMAC MII signals.
Table 7-71. GMAC MII IOSETs
SIGNALS
IOSET5
IOSET6
BALL
MUX
BALL
MUX
GMAC MII1
mii1_txd3
C5
8
mii1_txd2
D6
8
mii1_txd1
B2
8
mii1_txd0
C4
8
mii1_rxd3
F5
8
mii1_rxd2
E4
8
mii1_rxd1
C1
8
mii1_rxd0
E6
8
mii1_col
B4
8
mii1_rxer
B3
8
mii1_txer
A3
8
mii1_txen
A4
8
mii1_crs
B5
8
mii1_rxclk
D5
8
mii1_txclk
C3
8
mii1_rxdv
C2
8
GMAC MII0
mii0_txd3
V5
3
mii0_txd2
V4
3
mii0_txd1
Y2
3
mii0_txd0
W2
3
mii0_rxd3
W9
3
mii0_rxd2
V9
3
mii0_rxd1
V6
3
mii0_rxd0
U6
3
mii0_txclk
U5
3
mii0_txer
U4
3
mii0_rxer
U7
3
mii0_rxdv
V2
3
mii0_crs
V7
3
mii0_col
V1
3
mii0_rxclk
Y1
3
mii0_txen
V3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com