Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 294 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 294 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 290Page - Texas Instruments TDA2SA Datasheet HTML 291Page - Texas Instruments TDA2SA Datasheet HTML 292Page - Texas Instruments TDA2SA Datasheet HTML 293Page - Texas Instruments TDA2SA Datasheet HTML 294Page - Texas Instruments TDA2SA Datasheet HTML 295Page - Texas Instruments TDA2SA Datasheet HTML 296Page - Texas Instruments TDA2SA Datasheet HTML 297Page - Texas Instruments TDA2SA Datasheet HTML 298Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 427 page
background image
294
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Manual IO Timings Modes must be used to ensure some IO timings for GMAC. See Table 7-2 Modes
Summary for a list of IO timings requiring the use of Manual IO Timings Modes. See Table 7-80 Manual
Functions Mapping for GMAC RMII0 for a definition of the Manual modes.
Table 7-80 lists the A_DELAY and G_DELAY values needed to calculate the correct values to be set in
the CFG_x registers.
Table 7-80. Manual Functions Mapping for GMAC RMII0
BALL
BALL NAME
GMAC_RMII0_MANUAL1
CFG REGISTER
MUXMODE
A_DELAY
(ps)
G_DELAY
(ps)
0
1
U3
RMII_MHZ_50_CLK
0
0
CFG_RMII_MHZ_50_CLK_IN
RMII_MHZ_50_CLK
U6
rgmii0_txd0
500
500
CFG_RGMII0_TXD0_IN
rmii0_rxd0
V6
rgmii0_txd1
840
1000
CFG_RGMII0_TXD1_IN
rmii0_rxd1
U7
rgmii0_txd2
360
840
CFG_RGMII0_TXD2_IN
rmii0_rxer
V7
rgmii0_txd3
600
1000
CFG_RGMII0_TXD3_IN
rmii0_crs
Manual IO Timings Modes must be used to ensure some IO timings for GMAC. See Table 7-2 Modes
Summary for a list of IO timings requiring the use of Manual IO Timings Modes. See Table 7-81 Manual
Functions Mapping for GMAC RMII1 for a definition of the Manual modes.
Table 7-81 list the A_DELAY and G_DELAY values needed to calculate the correct values to be set in the
CFG_x registers.
Table 7-81. Manual Functions Mapping for GMAC RMII1
BALL
BALL NAME
GMAC_RMII1_MANUAL1
CFG REGISTER
MUXMODE
A_DELAY
(ps)
G_DELAY
(ps)
0
2
U3
RMII_MHZ_50_CLK
0
0
CFG_RMII_MHZ_50_CLK_IN
RMII_MHZ_50_CLK
V9
rgmii0_txctl
300
1000
CFG_RGMII0_TXCTL_IN
rmii1_rxd0
W9
rgmii0_txc
300
1200
CFG_RGMII0_TXC_IN
rmii1_rxd1
Y1
uart3_txd
300
500
CFG_UART3_TXD_IN
rmii1_rxer
V2
uart3_rxd
400
700
CFG_UART3_RXD_IN
rmii1_crs
7.21.4 GMAC RGMII Timings
CAUTION
The IO Timings provided in this section are only valid for some GMAC usage
modes when the corresponding Virtual IO Timings or Manual IO Timings are
configured as described in the tables found in this section.
Table 7-82, Table 7-83 and Figure 7-52 present timing requirements for receive RGMIIn operation.
Table 7-82. Timing Requirements for rgmiin_rxc - RGMIIn Operation
NO.
PARAMETER
DESCRIPTION
SPEED
MIN
MAX
UNIT
1
tc(RXC)
Cycle time, rgmiin_rxc
10 Mbps
360
440
ns
100 Mbps
36
44
ns
1000 Mbps
7.2
8.8
ns
2
tw(RXCH)
Pulse duration, rgmiin_rxc high
10 Mbps
160
240
ns
100 Mbps
16
24
ns
1000 Mbps
3.6
4.4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com