Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 297 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 297 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 293Page - Texas Instruments TDA2SA Datasheet HTML 294Page - Texas Instruments TDA2SA Datasheet HTML 295Page - Texas Instruments TDA2SA Datasheet HTML 296Page - Texas Instruments TDA2SA Datasheet HTML 297Page - Texas Instruments TDA2SA Datasheet HTML 298Page - Texas Instruments TDA2SA Datasheet HTML 299Page - Texas Instruments TDA2SA Datasheet HTML 300Page - Texas Instruments TDA2SA Datasheet HTML 301Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 427 page
background image
297
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Table 7-86. GMAC RGMII IOSETs (continued)
SIGNALS
IOSET3
IOSET4
BALL
MUX
BALL
MUX
rgmii1_rxd0
A4
3
rgmii1_rxctl
A3
3
rgmii1_txc
D5
3
rgmii1_txctl
C2
3
rgmii1_rxc
C5
3
GMAC RGMII0
rgmii0_txd3
V7
0
rgmii0_txd2
U7
0
rgmii0_txd1
V6
0
rgmii0_txd0
U6
0
rgmii0_rxd3
V4
0
rgmii0_rxd2
V3
0
rgmii0_rxd1
Y2
0
rgmii0_rxd0
W2
0
rgmii0_txc
W9
0
rgmii0_rxctl
V5
0
rgmii0_rxc
U5
0
rgmii0_txctl
V9
0
NOTE
To configure the desired Manual IO Timing Mode the user must follow the steps described in
section "Manual IO Timing Modes" of the Device TRM.
The associated registers to configure are listed in the CFG REGISTER column. For more
information please see the Control Module Chapter in the Device TRM.
Manual IO Timings Modes must be used to ensure some IO timings for GMAC. See Table 7-2 Modes
Summary for a list of IO timings requiring the use of Manual IO Timings Modes. See Table 7-87 Manual
Functions Mapping for GMAC RGMII0 for a definition of the Manual modes.
Table 7-87 lists the A_DELAY and G_DELAY values needed to calculate the correct values to be set in
the CFG_x registers.
Table 7-87. Manual Functions Mapping for GMAC RGMII0
BALL
BALL NAME
GMAC_RGMII0_MANUAL1
CFG REGISTER
MUXMODE
A_DELAY (ps)
G_DELAY (ps)
0
U5
rgmii0_rxc
260
0
CFG_RGMII0_RXC_IN
rgmii0_rxc
V5
rgmii0_rxctl
0
1412
CFG_RGMII0_RXCTL_IN
rgmii0_rxctl
W2
rgmii0_rxd0
123
1047
CFG_RGMII0_RXD0_IN
rgmii0_rxd0
Y2
rgmii0_rxd1
139
1081
CFG_RGMII0_RXD1_IN
rgmii0_rxd1
V3
rgmii0_rxd2
195
1100
CFG_RGMII0_RXD2_IN
rgmii0_rxd2
V4
rgmii0_rxd3
239
1216
CFG_RGMII0_RXD3_IN
rgmii0_rxd3
W9
rgmii0_txc
89
0
CFG_RGMII0_TXC_OUT
rgmii0_txc
V9
rgmii0_txctl
15
125
CFG_RGMII0_TXCTL_OUT
rgmii0_txctl
U6
rgmii0_txd0
339
162
CFG_RGMII0_TXD0_OUT
rgmii0_txd0
V6
rgmii0_txd1
146
94
CFG_RGMII0_TXD1_OUT
rgmii0_txd1
U7
rgmii0_txd2
0
27
CFG_RGMII0_TXD2_OUT
rgmii0_txd2
V7
rgmii0_txd3
291
205
CFG_RGMII0_TXD3_OUT
rgmii0_txd3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com