Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 293 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 293 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 289Page - Texas Instruments TDA2SA Datasheet HTML 290Page - Texas Instruments TDA2SA Datasheet HTML 291Page - Texas Instruments TDA2SA Datasheet HTML 292Page - Texas Instruments TDA2SA Datasheet HTML 293Page - Texas Instruments TDA2SA Datasheet HTML 294Page - Texas Instruments TDA2SA Datasheet HTML 295Page - Texas Instruments TDA2SA Datasheet HTML 296Page - Texas Instruments TDA2SA Datasheet HTML 297Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 427 page
background image
REF_CLK (PRCM)
rmiin_txd1−rmiin_txd0,
rmiin_txen (Outputs)
SPRS8xx_GMAC_RMIITX_06
RMII7
RMII8
RMII9
RMII11
RMII10
293
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Table 7-77. Switching Characteristics Over Recommended Operating Conditions for GMAC REF_CLK -
RMII Operation (continued)
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
RMII9
tw(REF_CLKL)
Pulse duration, REF_CLK low
7
13
ns
RMII10
tt(REF_CLK)
Transistion time, REF_CLK
3
ns
Table 7-78. Switching Characteristics Over Recommended Operating Conditions for GMAC RMIIn
Transmit 10/100 Mbits/s
NO.
PARAMETER
DESCRIPTION
RMIIn
MIN
MAX
UNIT
RMII11
td(REF_CLK-TXD)
Delay time, REF_CLK high to selected transmit signals
valid
RMII0
2
13.5
ns
tdd(REF_CLK-TXEN)
td(REF_CLK-TXD)
RMII1
2
13.8
ns
tdd(REF_CLK-TXEN)
Figure 7-51. GMAC Transmit Interface Timing RMIIn Operation
In Table 7-79 are presented the specific groupings of signals (IOSET) for use with GMAC RMII signals.
Table 7-79. GMAC RMII IOSETs
SIGNALS
IOSET1
IOSET2
BALL
MUX
BALL
MUX
GMAC RMII1
RMII_MHZ_50_CLK
U3
0
rmii1_txd1
V5
2
rmii1_txd0
V4
2
rmii1_rxd1
W9
2
rmii1_rxd0
V9
2
rmii1_rxer
Y1
2
rmii1_txen
U5
2
rmii1_crs
V2
2
GMAC RMII0
RMII_MHZ_50_CLK
U3
0
rmii0_txd1
Y2
1
rmii0_txd0
W2
1
rmii0_rxd1
V6
1
rmii0_rxd0
U6
1
rmii0_txen
V3
1
rmii0_rxer
U7
1
rmii0_crs
V7
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com