Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 291 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 291 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 287Page - Texas Instruments TDA2SA Datasheet HTML 288Page - Texas Instruments TDA2SA Datasheet HTML 289Page - Texas Instruments TDA2SA Datasheet HTML 290Page - Texas Instruments TDA2SA Datasheet HTML 291Page - Texas Instruments TDA2SA Datasheet HTML 292Page - Texas Instruments TDA2SA Datasheet HTML 293Page - Texas Instruments TDA2SA Datasheet HTML 294Page - Texas Instruments TDA2SA Datasheet HTML 295Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 427 page
background image
1
MDIO4
MDIO5
MDIO7
MDIO2
MDIO3
MDIO6
MDIO6
MDCLK
MDIO
(input)
MDIO
(output)
291
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
7.21.2 GMAC MDIO Interface Timings
CAUTION
The IO Timings provided in this section are only valid for some GMAC usage
modes when the corresponding Virtual IO Timings or Manual IO Timings are
configured as described in the tables found in this section.
Table 7-72, Table 7-72 and Figure 7-49 present timing requirements for MDIO.
Table 7-72. Timing Requirements for MDIO Input
No
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
MDIO1
tc(MDC)
Cycle time, MDC
400
ns
MDIO2
tw(MDCH)
Pulse Duration, MDC High
160
ns
MDIO3
tw(MDCL)
Pulse Duration, MDC Low
160
ns
MDIO4
tsu(MDIO-MDC)
Setup time, MDIO valid before MDC High
90
ns
MDIO5
th(MDIO_MDC)
Hold time, MDIO valid from MDC High
0
ns
Table 7-73. Switching Characteristics Over Recommended Operating Conditions for MDIO Output
NO
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
MDIO6
tt(MDC)
Transition time, MDC
5
ns
MDIO7
td(MDC-MDIO)
Delay time, MDC low to MDIO valid
-150
150
ns
Figure 7-49. GMAC MDIO diagrams
In Table 7-74 are presented the specific groupings of signals (IOSET) for use with GMAC MDIO signals.
Table 7-74. GMAC MDIO IOSETs
SIGNALS
IOSET7
IOSET8
IOSET9
IOSET10
BALL
MUX
BALL
MUX
BALL
MUX
BALL
MUX
mdio_d
F6
3
U4
0
AB4
1
B20
5
mdio_mclk
D3
3
V1
0
AC5
1
B21
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com