Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 288 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 288 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 284Page - Texas Instruments TDA2SA Datasheet HTML 285Page - Texas Instruments TDA2SA Datasheet HTML 286Page - Texas Instruments TDA2SA Datasheet HTML 287Page - Texas Instruments TDA2SA Datasheet HTML 288Page - Texas Instruments TDA2SA Datasheet HTML 289Page - Texas Instruments TDA2SA Datasheet HTML 290Page - Texas Instruments TDA2SA Datasheet HTML 291Page - Texas Instruments TDA2SA Datasheet HTML 292Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 427 page
background image
mii _rxclk
n
2
3
1
4
4
288
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
NOTE
For more information, see the Ethernet Subsystem section of the Device TRM.
NOTE
The Gigabit, Reduced and Media Independent Interface n (n = 0 to 1) are also referred to as
MIIn, RMIIn and RGMIIn
CAUTION
The IO timings provided in this section are only valid if signals within a single
IOSET are used. The IOSETs are defined in the Table 7-71, Table 7-74,
Table 7-79 and Table 7-86.
CAUTION
The IO Timings provided in this section are only valid for some GMAC usage
modes when the corresponding Virtual IO Timings or Manual IO Timings are
configured as described in the tables found in this section.
Table 7-67 and Figure 7-45 present timing requirements for MIIn in receive operation.
7.21.1 GMAC MII Timings
Table 7-67. Timing Requirements for miin_rxclk - MII Operation
NO.
PARAMETER
DESCRIPTION
SPEED
MIN
MAX
UNIT
1
tc(RX_CLK)
Cycle time, miin_rxclk
10 Mbps
400
ns
100 Mbps
40
ns
2
tw(RX_CLKH)
Pulse duration, miin_rxclk high
10 Mbps
140
260
ns
100 Mbps
14
26
ns
3
tw(RX_CLKL)
Pulse duration, miin_rxclk low
10 Mbps
140
260
ns
100 Mbps
14
26
ns
4
tt(RX_CLK)
Transition time, miin_rxclk
10 Mbps
3
ns
100 Mbps
3
ns
Figure 7-45. Clock Timing (GMAC Receive) - MIIn operation
Table 7-68 and Figure 7-46 present timing requirements for MIIn in transmit operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com