Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 284 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 284 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 280Page - Texas Instruments TDA2SA Datasheet HTML 281Page - Texas Instruments TDA2SA Datasheet HTML 282Page - Texas Instruments TDA2SA Datasheet HTML 283Page - Texas Instruments TDA2SA Datasheet HTML 284Page - Texas Instruments TDA2SA Datasheet HTML 285Page - Texas Instruments TDA2SA Datasheet HTML 286Page - Texas Instruments TDA2SA Datasheet HTML 287Page - Texas Instruments TDA2SA Datasheet HTML 288Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 427 page
background image
284
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
7.17 Universal Serial Bus (USB)
SuperSpeed USB DRD Subsystem has four instances in the device providing the following functions:
•
USB1: SuperSpeed (SS) USB 3.0 Dual-Role-Device (DRD) subsystem with integrated SS (USB3.0)
PHY and HS/FS (USB2.0) PHY.
•
USB2: High-Speed (HS) USB 2.0 Dual-Role-Device (DRD) subsystem with integrated HS/FS PHY.
•
USB3: HS USB 2.0 Dual-Role-Device (DRD) subsystem with ULPI (SDR) interface to external HS/FS
PHYs.
•
USB4: HS USB 2.0 Dual-Role-Device (DRD) subsystem with ULPI (SDR) interface to external HS/FS
PHYs.
NOTE
For more information, see the SuperSpeed USB DRD section of the Device TRM.
7.17.1 USB1 DRD PHY
The USB1 DRD interface supports the following applications:
•
USB2.0 High-Speed PHY port (1.8 V and 3.3 V): this asynchronous high-speed interface is compliant
with the USB2.0 PHY standard with an internal transceiver (USB2.0 standard v2.0), for a maximum
data rate of 480 Mbps.
•
USB3.0 Super-Speed PHY port (1.8 V): this asynchronous differential super-speed interface is
compliant with the USB3.0 RX/TX PHY standard (USB3.0 standard v1.0) for a maximum data bit rate
of 5Gbps.
7.17.2 USB2 PHY
The USB2 interface supports the following applications:
•
USB2.0 High-Speed PHY port (1.8 V and 3.3 V): this asynchronous high-speed interface is compliant
with the USB2.0 PHY standard with an internal transceiver (USB2.0 standard v2.0), for a maximum
data rate of 480 Mbps.
7.17.3 USB3 and USB4 DRD ULPI—SDR—Slave Mode—12-pin Mode
TheUSB3 and USB4 DRD interfaces support the following application:
•
USB ULPI port: this synchronous interface is compliant with the USB2.0 ULPI SDR standard (UTMI+
v1.22), for alternative off-chip USB2.0 PHY interface; that is, with external transceiver with a maximum
frequency of 60 MHz (synchronous slave mode, SDR, 12-pin, 8-data-bit).
NOTE
The Universal Serial Bus k ULPI modules are also refered as USBk where k = 3, 4.
Table 7-62, Table 7-63 and Figure 7-44 assume testing over the recommended operating conditions and
electrical characteristic conditions.
Table 7-62. Timing Requirements for ULPI SDR Slave Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
US1
tc(clk)
Cycle time, usb_ulpi_clk period
16.66
ns
US5
tsu(ctrlV-clkH)
Setup time, usb_ulpi_dir/usb_ulpi_nxt valid before
usb_ulpi_clk rising edge
6.73
ns
US6
th(clkH-ctrlV)
Hold time, usb_ulpi_dir/usb_ulpi_nxt valid after usb_ulpi_clk
rising edge
-0.41
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com