Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 424 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 424 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 419Page - Texas Instruments TDA2SA Datasheet HTML 420Page - Texas Instruments TDA2SA Datasheet HTML 421Page - Texas Instruments TDA2SA Datasheet HTML 422Page - Texas Instruments TDA2SA Datasheet HTML 423Page - Texas Instruments TDA2SA Datasheet HTML 424Page - Texas Instruments TDA2SA Datasheet HTML 425Page - Texas Instruments TDA2SA Datasheet HTML 426Page - Texas Instruments TDA2SA Datasheet HTML 427Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 424 / 427 page
background image
www.ti.com
PACKAGE OUTLINE
C
2.96
2.62
0.45
0.35
TYP
21.6
TYP
21.6 TYP
0.8 TYP
0.8 TYP
760X
0.55
0.45
1.09
0.89
A
23.2
22.8
B
23.2
22.8
(0.7) TYP
(0.7) TYP
(
19)
(
17)
(0.8)
FCBGA - 2.96 mm max height
ABC0760A
PLASTIC BALL GRID ARRAY
4224170/A 12/2018
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1 CORNER
SEATING PLANE
BALL TYP
0.15 C
1
2
0.25
C A B
0.01
C
SYMM
SYMM
BALL A1 CORNER
A
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
AF
AG
AH
SCALE 0.700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com