Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 422 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 422 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 418Page - Texas Instruments TDA2SA Datasheet HTML 419Page - Texas Instruments TDA2SA Datasheet HTML 420Page - Texas Instruments TDA2SA Datasheet HTML 421Page - Texas Instruments TDA2SA Datasheet HTML 422Page - Texas Instruments TDA2SA Datasheet HTML 423Page - Texas Instruments TDA2SA Datasheet HTML 424Page - Texas Instruments TDA2SA Datasheet HTML 425Page - Texas Instruments TDA2SA Datasheet HTML 426Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 422 / 427 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
15-Oct-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
TDA2HFBTQABCQ1
Active
Production
FCBGA (ABC) | 760
60 | JEDEC
TRAY (5+1)
Yes
Call TI
Level-3-250C-168 HR
-40 to 125
TDA2HFBTQABCQ1
842
842 ABC
TDA2HGBRQABCRQ1
Active
Production
FCBGA (ABC) | 760
250 | LARGE T&R
Yes
Call TI
Level-3-250C-168 HR
-40 to 125
TDA2HGBRQABCQ1
842
842 ABC
TDA2HGBRQABCRQ1.B
Active
Production
FCBGA (ABC) | 760
250 | LARGE T&R
Yes
Call TI
Level-3-250C-168 HR
-40 to 125
TDA2HGBRQABCQ1
842
842 ABC
TDA2HVBRQABCRQ1
Active
Production
FCBGA (ABC) | 760
250 | LARGE T&R
Yes
Call TI
Level-3-250C-168 HR
-40 to 125
TDA2HVBRQABCQ1
TDA
842
842 ABC
TDA2LFBTQABCRQ1
Active
Production
FCBGA (ABC) | 760
250 | LARGE T&R
Yes
Call TI
Level-3-250C-168 HR
-40 to 125
TDA2LFBTQABCQ1
842
842 ABC
TDA2SABRQABCQ1
Active
Production
FCBGA (ABC) | 760
60 | JEDEC
TRAY (5+1)
Yes
Call TI
Level-3-250C-168 HR
-40 to 125
TDA2SABRQABCQ1
842
842 ABC
TDA2SABRQABCRQ1
Active
Production
FCBGA (ABC) | 760
250 | JEDEC
TRAY (5+1)
Yes
Call TI
Level-3-250C-168 HR
-40 to 125
TDA2SABRQABCQ1
842
842 ABC
TDA2SGBRQABCRQ1
Active
Production
FCBGA (ABC) | 760
250 | LARGE T&R
Yes
Call TI
Level-3-250C-168 HR
-40 to 125
TDA2SGBRQABCQ1
842
842 ABC
TDA2SGBRQABCRQ1.B
Active
Production
FCBGA (ABC) | 760
250 | LARGE T&R
Yes
Call TI
Level-3-250C-168 HR
-40 to 125
TDA2SGBRQABCQ1
842
842 ABC
TDA2SXBTQABCRQ1
Active
Production
FCBGA (ABC) | 760
250 | JEDEC
TRAY (5+1)
Yes
Call TI
Level-3-250C-168 HR
-40 to 125
TDA2SXBTQABCQ1
842
842 ABC
TDA2SXBTQABCRQ1.B
Active
Production
FCBGA (ABC) | 760
250 | JEDEC
TRAY (5+1)
Yes
Call TI
Level-3-250C-168 HR
-40 to 125
TDA2SXBTQABCQ1
842
842 ABC
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com