Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 419 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 419 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 415Page - Texas Instruments TDA2SA Datasheet HTML 416Page - Texas Instruments TDA2SA Datasheet HTML 417Page - Texas Instruments TDA2SA Datasheet HTML 418Page - Texas Instruments TDA2SA Datasheet HTML 419Page - Texas Instruments TDA2SA Datasheet HTML 420Page - Texas Instruments TDA2SA Datasheet HTML 421Page - Texas Instruments TDA2SA Datasheet HTML 422Page - Texas Instruments TDA2SA Datasheet HTML 423Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 419 / 427 page
background image
419
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Device and Documentation Support
Copyright © 2015–2019, Texas Instruments Incorporated
Development Tools
Clock Tree Tool for Sitara, Automotive, Vision Analytics, & Digital Signal Processors
The Clock Tree Tool (CTT) for Sitara™ Arm®, Automotive, and Digital Signal Processors is
an interactive clock tree configuration software that provides information about the clocks
and modules in these TI devices. It allows the user to: Visualize the device clock tree.
Interact with clock tree elements and view the effect on PRCM registers. Interact with the
PRCM registers and view the effect on the device clock tree. View a trace of all the device
registers affected by the user interaction with clock tree.
Pin mux tool
The Pin MUX Utility is a software tool which provides a Graphical User Interface for
configuring pin multiplexing settings, resolving conflicts and specifying I/O cell characteristics
for TI MPUs. Results are output as C header/code files that can be imported into software
development kits (SDKs) or used to configure customer's custom software. Version 4 of the
Pin Mux utility adds the capability of automatically selecting a mux configuration that satisfies
the entered requirements.
XDS110 JTAG Debug Probe
The Texas Instruments XDS110 is a new class of debug probe (emulator) for TI embedded
processors. The XDS110 replaces the XDS100 family while supporting a wider variety of
standards (IEEE1149.1, IEEE1149.7, SWD) in a single pod. Also, all XDS debug probes
support Core and System Trace in all Arm and DSP processors that feature an Embedded
Trace Buffer (ETB).
The Texas Instruments XDS110 connects to the target board via a TI 20-pin connector (with
multiple adapters for TI 14-pin and, Arm 10-pin and Arm 20-pin) and to the host PC via
USB2.0 High Speed (480Mbps). It also features two additional connections: the Auxiliary 14-
pin port connector that enables EnergyTrace™, a full duplex UART port and four General-
Purpose I/Os, and the Expansion 30-pin connector to connect the XDS110 EnergyTrace
HDR add-on.
Models
TDA2x BSDL Model BSDL Model
TDA2x IBIS Model IBIS Model
TDA2x Thermal Model Thermal Model
For a complete listing of development-support tools for the processor platform, visit the Texas Instruments
website at ti.com. For information on pricing and availability, contact the nearest TI field sales office or
authorized distributor.
9.3
Documentation Support
To receive notification of documentation updates, navigate to the device product folder on ti.com. In the
upper right corner, click on Alert me to register and receive a weekly digest of any product information that
has changed. For change details, review the revision history included in any revised document.
The following documents describe the TDA2x devices.
Technical Reference Manual
TDA2x SoC for Advanced Driver Assistance Systems (ADAS) Silicon Revision 2.0, 1.x
Details the integration, the environment, the functional description, and the programming
models for each peripheral and subsystem in the TDA2x family of devices.
Errata
TDA2x SoC for Advanced Driver Assistance Systems (ADAS) Silicon Revision 2.0, 1.1
Describes the known exceptions to the functional specifications for the device.
9.4
Related Links
The table below lists quick access links. Categories include technical documents, support and community
resources, tools and software, and quick access to sample or buy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com