Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 418 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 418 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 414Page - Texas Instruments TDA2SA Datasheet HTML 415Page - Texas Instruments TDA2SA Datasheet HTML 416Page - Texas Instruments TDA2SA Datasheet HTML 417Page - Texas Instruments TDA2SA Datasheet HTML 418Page - Texas Instruments TDA2SA Datasheet HTML 419Page - Texas Instruments TDA2SA Datasheet HTML 420Page - Texas Instruments TDA2SA Datasheet HTML 421Page - Texas Instruments TDA2SA Datasheet HTML 422Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 427 page
background image
418
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Device and Documentation Support
Copyright © 2015–2019, Texas Instruments Incorporated
Table 9-1. Nomenclature Description (continued)
FIELD
PARAMETER
FIELD
DESCRIPTION
VALUES
DESCRIPTION
MARKING
ORDERABLE
z
Device Speed
A
Indicates the speed grade for each of the cores in the
device. For more information see , Device Comparison
Table.
B
D
F
N
R
T
Y
Device type
BLANK
General purpose (Prototype and Production)
E
Emulation (E) devices
D
High security devices
T
Temperature (2)
I
Industrial: -40°C to 85°C (initial prototypes)
Q
Full temp range: -40°C to 125°C
PPP
Package
designator
ABC
ABC S-PBGA-N760 (23mm × 23mm) Package
c
Carrier designator
N/A
BLANK
Tray
N/A
R
Tape & Reel
Q1
Automotive
Designator
BLANK
Does not meets automotive qualification
Q1
Meets Q100 equal requirements, with exceptions as
specified in DM.
XXXXXXX
As marked
N/A
Lot Trace Code
YYY
As marked
N/A
Production Code, For TI use only
ZZZ
As marked
N/A
Production Code, For TI use only
O
As marked
N/A
Pin one designator
G1
As marked
N/A
ECAT—Green package designator
(1) To designate the stages in the product development cycle, TI assigns prefixes to the part numbers. These prefixes represent
evolutionary stages of product development from engineering prototypes through fully qualified production devices.
Prototype devices are shipped against the following disclaimer:
“This product is still in development and is intended for internal evaluation purposes.”
Notwithstanding any provision to the contrary, TI makes no warranty expressed, implied, or statutory, including any implied warranty of
merchantability of fitness for a specific purpose, of this device.
(2) Applies to device max junction temperature.
(3) X5777x is the base part number for the superset device. Software should constrain the features used to match the intended production
device.
NOTE
BLANK in the symbol or part number is collapsed so there are no gaps between characters.
9.2
Tools and Software
The following products support development for TDA2x platforms:
Design Kits and Evaluation Modules
TDA2x Vision EVM Kit – Spectrum Digital (Includes CPU Board and Vision Application Board)
TDA2x EVM is an evaluation platform designed to speed up development efforts and reduce
time to market for ADAS applications. It is based on a TDA2x SoC which incorporate a
heterogeneous, scalable architecture that includes a mix of TI’s fixed and floating-point
TMS320C66x Digital Signal Processor (DSP) cores, Vision AccelerationPac (EVE) cores,
Arm® Cortex®-A15 MP cores, 3D GPU cores, H.264 encode/decode acceleration and dual-
Cortex-M4 processor cores. It also integrates a host of peripherals including multi-camera
interfaces (both parallel and serial) for LVDS-based surround view systems, displays, CAN
and GigB Ethernet AVB. The main board integrates key peripherals such as Ethernet, FPD-
Link and HDMI, while the Vision application board provides interfaces for popular imagers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com