Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 105 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 105 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 101Page - Texas Instruments TDA2SA Datasheet HTML 102Page - Texas Instruments TDA2SA Datasheet HTML 103Page - Texas Instruments TDA2SA Datasheet HTML 104Page - Texas Instruments TDA2SA Datasheet HTML 105Page - Texas Instruments TDA2SA Datasheet HTML 106Page - Texas Instruments TDA2SA Datasheet HTML 107Page - Texas Instruments TDA2SA Datasheet HTML 108Page - Texas Instruments TDA2SA Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 427 page
background image
105
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-7. EMIF Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
ddr1_dqs1
Data strobe 1 input/output for byte 1 of the 32-bit data bus. This signal is
output to the EMIF1 memory when writing and input when reading.
IO
AE27
ddr1_dqsn1
Data strobe 1 invert
IO
AE28
ddr1_dqs2
Data strobe 2 input/output for byte 2 of the 32-bit data bus. This signal is
output to the EMIF1 memory when writing and input when reading.
IO
AD27
ddr1_dqsn2
Data strobe 2 invert
IO
AD28
ddr1_dqs3
Data strobe 3 input/output for byte 3 of the 32-bit data bus. This signal is
output to the EMIF1 memory when writing and input when reading.
IO
Y28
ddr1_dqsn3
Data strobe 3 invert
IO
Y27
ddr1_dqs_ecc
EMIF1 ECC Data strobe input/output. This signal is output to the EMIF1
memory when writing and input when reading.
IO
V27
ddr1_dqsn_ecc
EMIF1 ECC Complementary Data strobe
IO
V28
ddr1_vref0
Reference Power Supply EMIF1
A
Y18
EMIF Channel 2
ddr2_csn0
EMIF2 Chip Select 0
O
P24
ddr2_cke
EMIF2 Clock Enable
O
U24
ddr2_ck
EMIF2 Clock
O
T28
ddr2_nck
EMIF2 Negative Clock
O
T27
ddr2_odt0
EMIF2 On-Die Termination for Chip Select 0
O
R23
ddr2_casn
EMIF2 Column Address Strobe
O
U28
ddr2_rasn
EMIF2 Row Address Strobe
O
T23
ddr2_wen
EMIF2 Write Enable
O
U25
ddr2_rst
EMIF2 Reset output (DDR3-SDRAM only)
O
R24
ddr2_ba0
EMIF2 Bank Address
O
U23
ddr2_ba1
EMIF2 Bank Address
O
U27
ddr2_ba2
EMIF2 Bank Address
O
U26
ddr2_a0
EMIF2 Address Bus
O
R25
ddr2_a1
EMIF2 Address Bus
O
R26
ddr2_a2
EMIF2 Address Bus
O
R28
ddr2_a3
EMIF2 Address Bus
O
R27
ddr2_a4
EMIF2 Address Bus
O
P23
ddr2_a5
EMIF2 Address Bus
O
P22
ddr2_a6
EMIF2 Address Bus
O
P25
ddr2_a7
EMIF2 Address Bus
O
N20
ddr2_a8
EMIF2 Address Bus
O
P27
ddr2_a9
EMIF2 Address Bus
O
N27
ddr2_a10
EMIF2 Address Bus
O
N23
ddr2_a11
EMIF2 Address Bus
O
P26
ddr2_a12
EMIF2 Address Bus
O
N28
ddr2_a13
EMIF2 Address Bus
O
T22
ddr2_a14
EMIF2 Address Bus
O
R22
ddr2_a15
EMIF2 Address Bus
O
U22
ddr2_d0
EMIF2 Data Bus
IO
E26
ddr2_d1
EMIF2 Data Bus
IO
G25
ddr2_d2
EMIF2 Data Bus
IO
F25
ddr2_d3
EMIF2 Data Bus
IO
F24
ddr2_d4
EMIF2 Data Bus
IO
F26
ddr2_d5
EMIF2 Data Bus
IO
F27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com