Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 109 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 109 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 105Page - Texas Instruments TDA2SA Datasheet HTML 106Page - Texas Instruments TDA2SA Datasheet HTML 107Page - Texas Instruments TDA2SA Datasheet HTML 108Page - Texas Instruments TDA2SA Datasheet HTML 109Page - Texas Instruments TDA2SA Datasheet HTML 110Page - Texas Instruments TDA2SA Datasheet HTML 111Page - Texas Instruments TDA2SA Datasheet HTML 112Page - Texas Instruments TDA2SA Datasheet HTML 113Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 427 page
background image
109
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-8. GPMC Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
gpmc_cs7
GPMC Chip Select 7 (active low)
O
P7
gpmc_clk(1)(2)
GPMC Clock output
IO
P7
gpmc_advn_ale
GPMC address valid active low or address latch enable
O
N1
gpmc_oen_ren
GPMC output enable active low or read enable
O
M5
gpmc_wen
GPMC write enable active low
O
M3
gpmc_ben0
GPMC lower-byte enable active low
O
N6
gpmc_ben1
GPMC upper-byte enable active low
O
M4
gpmc_wait0
GPMC external indication of wait 0
I
N2
gpmc_wait1
GPMC external indication of wait 1
I
P7/ N1
(1) This clock signal is implemented as 'pad loopback' inside the device - the output signal is looped back through the input buffer to serve
as the internal reference signal. Series termination is recommended (as close to device pin as possible) to improve signal integrity of the
clock input. Any nonmonotonicity in voltage that occurs at the pad loopback clock pin between VIH and VIL must be less than VHYS.
(2) The gpio6_16.clkout1 signal can be used as an “always-on” alternative to gpmc_clk provided that the external device can support the
associated timing. See Table 7-26 GPMC/NOR Flash Interface Switching Characteristics - Synchronous Mode - Default and Table 7-28
GPMC/NOR Flash Interface Switching Characteristics - Synchronous Mode - Alternate for timing information.
(3) The internal pull resistors for balls K7, M7, J5, K6, J4, J6, H4, H5 are permanently disabled when sysboot15 is set to 1 as described in
the section Sysboot Configuration of the Device TRM. If internal pull-up/down resistors are desired on these balls then sysboot15 should
be set to 0. If gpmc boot mode is used with SYSBOOT15=1 (not recommended) then external pull-downs should be implemented to
keep the address bus at logic-0 value during boot since the gpmc ms-address bits are high-z during boot.
4.4.6
Timers
NOTE
For more information, see the Timers section of the device TRM.
Table 4-9. Timers Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
timer1
PWM output/event trigger input
IO
M4/ E21
timer2
PWM output/event trigger input
IO
N6/ F20
timer3
PWM output/event trigger input
IO
N1/ F21
timer4
PWM output/event trigger input
IO
P7/ D12
timer5
PWM output/event trigger input
IO
U2/ B12
timer6
PWM output/event trigger input
IO
T2/ A11
timer7
PWM output/event trigger input
IO
R3/ B13
timer8
PWM output/event trigger input
IO
P4/ A12
timer9
PWM output/event trigger input
IO
P9/ E14
timer10
PWM output/event trigger input
IO
N9/ A13
timer11
PWM output/event trigger input
IO
R4/ G14
timer12
PWM output/event trigger input
IO
N7/ F14
timer13
PWM output/event trigger input
IO
D18/ AF8
timer14
PWM output/event trigger input
IO
E17/ AE9
timer15
PWM output/event trigger input
IO
B26/ AF9/ AC10
timer16
PWM output/event trigger input
IO
C23/ AD9/ AB10
4.4.7
Inter-Integrated Circuit Interface (I2C)
NOTE
For more information, see the Serial Communication Interface / I2C section of the device
TRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com