Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 113 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 113 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 109Page - Texas Instruments TDA2SA Datasheet HTML 110Page - Texas Instruments TDA2SA Datasheet HTML 111Page - Texas Instruments TDA2SA Datasheet HTML 112Page - Texas Instruments TDA2SA Datasheet HTML 113Page - Texas Instruments TDA2SA Datasheet HTML 114Page - Texas Instruments TDA2SA Datasheet HTML 115Page - Texas Instruments TDA2SA Datasheet HTML 116Page - Texas Instruments TDA2SA Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 427 page
background image
113
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-12. SPI Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
spi4_cs0
SPI4 Chip Select
IO
P9/ F3/ AA4/ U6/
AB5
spi4_cs1
SPI4 Chip Select
IO
P4/ Y1
spi4_cs2
SPI4 Chip Select
IO
R3/ W9
spi4_cs3
SPI4 Chip Select
IO
T2/ V9
(1) This clock signal is implemented as 'pad loopback' inside the device - the output signal is looped back through the input buffer to serve
as the internal reference signal. Series termination is recommended (as close to device pin as possible) to improve signal integrity of the
clock input. Any nonmonotonicity in voltage that occurs at the pad loopback clock pin between VIH and VIL must be less than VHYS.
4.4.10 Quad Serial Peripheral Interface (QSPI)
NOTE
For more information see the Serial Communication Interface / Quad Serial Peripheral
Interface section of the device TRM.
Table 4-13. QSPI Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
qspi1_sclk
QSPI1 Serial Clock
IO
R2
qspi1_rtclk
QSPI1 Return Clock Input.Must be connected from QSPI1_SCLK on PCB.
Refer to PCB Guidelines for QSPI1
I
R3
qspi1_d0
QSPI1 Data[0]. This pin is output data for all commands/writes and for dual
read and quad read modes it becomes input data pin during read phase.
IO
U1
qspi1_d1
QSPI1 Data[1]. Input read data in all modes.
I
P3
qspi1_d2
QSPI1 Data[2]. This pin is used only in quad read mode as input data pin
during read phase
I
U2
qspi1_d3
QSPI1 Data[3]. This pin is used only in quad read mode as input data pin
during read phase
I
T2
qspi1_cs0
QSPI1 Chip Select[0]. This pin is Used for QSPI1 boot modes.
O
P2
qspi1_cs1
QSPI1 Chip Select[1]
O
P1
qspi1_cs2
QSPI1 Chip Select[2]
O
T7
qspi1_cs3
QSPI1 Chip Select[3]
O
P6
4.4.11 Multichannel Audio Serial Port (McASP)
NOTE
For more information, see the Serial Communication Interface / Multichannel Audio Serial
Port (McASP) section of the device TRM.
Table 4-14. McASP Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Multichannel Audio Serial Port 1
mcasp1_axr0
McASP1 Transmit/Receive Data
IO
G12
mcasp1_axr1
McASP1 Transmit/Receive Data
IO
F12
mcasp1_axr2
McASP1 Transmit/Receive Data
IO
G13
mcasp1_axr3
McASP1 Transmit/Receive Data
IO
J11
mcasp1_axr4
McASP1 Transmit/Receive Data
IO
D18/ E12
mcasp1_axr5
McASP1 Transmit/Receive Data
IO
E17 / F13
mcasp1_axr6
McASP1 Transmit/Receive Data
IO
B26 / C12
mcasp1_axr7
McASP1 Transmit/Receive Data
IO
C23 / D12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com